Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC574ANG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC574ANG
Description  Octal 3-State Noninverting D Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC574ANG Datasheet(HTML) 6 Page - ON Semiconductor

  MC74HC574ANG Datasheet HTML 1Page - ON Semiconductor MC74HC574ANG Datasheet HTML 2Page - ON Semiconductor MC74HC574ANG Datasheet HTML 3Page - ON Semiconductor MC74HC574ANG Datasheet HTML 4Page - ON Semiconductor MC74HC574ANG Datasheet HTML 5Page - ON Semiconductor MC74HC574ANG Datasheet HTML 6Page - ON Semiconductor MC74HC574ANG Datasheet HTML 7Page - ON Semiconductor MC74HC574ANG Datasheet HTML 8Page - ON Semiconductor MC74HC574ANG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74HC574A
http://onsemi.com
6
Figure 3.
Figure 4.
CLOCK
Q
tr
tf
VCC
GND
90%
50%
10%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
Q
Q
VM
VM
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
OUTPUT
ENABLE
SWITCHING WAVEFORMS
Figure 5.
Figure 6.
Figure 7. Test Circuit
Figure 8. Expanded Logic Diagram
50%
CLOCK
VCC
VALID
GND
VCC
GND
tsu
th
50%
DATA
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance.
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
C
D
Q
2
D0
19 Q0
C
D
Q
3
D1
18 Q1
C
D
Q
4
D2
17 Q2
C
D
Q
5
D3
16 Q3
C
D
Q
6
D4
15 Q4
C
D
Q
7
D5
14 Q5
C
D
Q
8
D6
13 Q6
C
D
Q
9
D7
12 Q7
11
CLOCK
1
OUTPUT ENABLE
MC74HC574A: VM = VOH x 0.5
MC74HCT574A: VM = 1.3 V @ VCC = 3 V


Similar Part No. - MC74HC574ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574ANG ONSEMI-MC74HC574ANG Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results

Similar Description - MC74HC574ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A Datasheet
178Kb / 8P
   Octal 3-State Noninverting D Flip-Flop
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74ACT574 INTEGRAL-IN74ACT574 Datasheet
220Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
logo
KODENSHI_AUK CORP.
KK74HC374A KODENSHI-KK74HC374A Datasheet
250Kb / 6P
   Octal 3-State Noninverting D Flip-Flop
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_14 Datasheet
133Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
logo
Motorola, Inc
MC54HC574A MOTOROLA-MC54HC574A Datasheet
100Kb / 7P
   OCTAL 3-STARE NONINVERTING D FLIP-FLOP
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
   Octal D flip-flop 3-State
1996 Jan 05
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com