Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC144WPDP6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSBC144WPDP6
Description  Complementary Bias Resistor Transistors R1 = 47 k, R2 = 22 k
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC144WPDP6 Datasheet(HTML) 3 Page - ON Semiconductor

  NSBC144WPDP6 Datasheet HTML 1Page - ON Semiconductor NSBC144WPDP6 Datasheet HTML 2Page - ON Semiconductor NSBC144WPDP6 Datasheet HTML 3Page - ON Semiconductor NSBC144WPDP6 Datasheet HTML 4Page - ON Semiconductor NSBC144WPDP6 Datasheet HTML 5Page - ON Semiconductor NSBC144WPDP6 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSBC144WPDP6
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA =25C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB =50V, IE =0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE =50V, IB =0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC =0)
IEBO
0.13
mAdc
Collector-Base Breakdown Voltage
(IC =10 mA, IE =0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB =0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = 5.0 mA, VCE =10V)
hFE
80
140
Collector-Emitter Saturation Voltage (Note 4)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
V
Input Voltage (Off)
(VCE = 5.0 V, IC = 100 mA) (NPN)
(VCE = 5.0 V, IC = 100 mA) (PNP)
Vi(off)
1.7
1.7
Vdc
Input Voltage (On)
(VCE = 0.2 V, IC = 3.0 mA) (NPN)
(VCE = 0.2 V, IC = 3.0 mA) (PNP)
Vi(on)
2.6
2.7
Vdc
Output Voltage (On)
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (Off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
32.9
47
61.1
kW
Resistor Ratio
R1/R2
1.7
2.1
2.6
4. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle  2%.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
150
(1)
(1) SOT−963; 100 mm2, 1 oz. Copper Trace


Similar Part No. - NSBC144WPDP6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC144WDP6 ONSEMI-NSBC144WDP6 Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC144WDP6T5G ONSEMI-NSBC144WDP6T5G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC144WDXV6 ONSEMI-NSBC144WDXV6 Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC144WDXV6T1 ONSEMI-NSBC144WDXV6T1 Datasheet
130Kb / 9P
   Dual Bias Resistor Transistors
September, 2012 ??Rev. 7
NSBC144WDXV6T1G ONSEMI-NSBC144WDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com