Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX374DWR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LCX374DWR2G
Description  Low-Voltage CMOS Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX374DWR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX374DWR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX374DWR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74LCX374
http://onsemi.com
5
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Units
VOLP
Dynamic LOW Peak Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
WAVEFORM 3 - PULSE WIDTH
tR = tF = 2.5 ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8 V, VOH ≥ 2.0 V
2.7 V
0 V
2.7 V
0 V
1.5 V
1.5 V
Figure 3. AC Waveforms
tw
1.5 V
1.5 V
tw
WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
≈ 0 V
OE
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
1.5V
1.5V
1.5 V
VCC
VOH - 0.3 V
VOL + 0.3 V
GND
1.5 V
CP
CP
WAVEFORM 1 - PROPAGATION DELAYS, SETUP AND HOLD TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
Dn
CP
1.5 V
On
2.7 V
0V
VOH
VOL
tPLH, tPHL
th
ts
1.5 V
1.5 V
fmax


Similar Part No. - MC74LCX374DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX374DWR2G ONSEMI-MC74LCX374DWR2G Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
More results

Similar Description - MC74LCX374DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com