Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX374 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX374
Description  Octal D-Type Flip-Flop with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX374 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX374_11 Datasheet HTML 1Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 2Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 3Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 4Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 5Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 6Page - ON Semiconductor MC74LVX374_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74LVX374
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 2.7V
CL = 15pF
CL = 50pF
60
45
115
60
50
40
MHz
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
100
60
160
95
85
55
tPLH,
tPHL
Propagation Delay
CP to O
VCC = 2.7V
CL = 15pF
CL = 50pF
8.5
11.0
16.3
19.8
1.0
1.0
19.5
23.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
6.7
9.2
10.6
14.1
1.0
1.0
12.5
16.0
tPZL,
tPZH
Output Enable Time
OE to O
VCC = 2.7V
CL = 15pF
RL = 1kW
CL = 50pF
7.6
10.1
14.5
18.0
1.0
1.0
17.5
21.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kW
CL = 50pF
5.9
8.4
9.3
12.8
1.0
1.0
11.0
14.5
tPLZ,
tPHZ
Output Disable Time
OE to O
VCC = 2.7V
CL = 50pF
RL = 1kW
11.5
18.5
1.0
22.0
ns
VCC = 3.3 ± 0.3V
CL = 50pF
RL = 1kW
9.6
13.2
1.0
15.0
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7V
CL = 50pF
VCC = 3.3 ±0.3V
CL = 50pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
Cin
Input Capacitance
4
10
10
pF
Cout
Maximum Three−State Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 2)
32
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
−0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Typ
Limit
Limit
tw
Minimum Pulse Width, CP
VCC = 2.7V
VCC = 3.3 ±0.3V
7.5
5.0
8.0
5.5
ns
tsu
Minimum Setup Time, D to CP
VCC = 2.7V
VCC = 3.3 ±0.3V
6.5
4.5
6.5
4.5
ns
th
Minimum Hold Time, D to CP
VCC = 2.7V
VCC = 3.3 ±0.3V
2.0
2.0
2.0
2.0
ns


Similar Part No. - MC74LVX374_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_14 Datasheet
118Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX374_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com