Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB5860NT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB5860NT4G
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB5860NT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTB5860NT4G Datasheet HTML 1Page - ON Semiconductor NTB5860NT4G Datasheet HTML 2Page - ON Semiconductor NTB5860NT4G Datasheet HTML 3Page - ON Semiconductor NTB5860NT4G Datasheet HTML 4Page - ON Semiconductor NTB5860NT4G Datasheet HTML 5Page - ON Semiconductor NTB5860NT4G Datasheet HTML 6Page - ON Semiconductor NTB5860NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 2
1
Publication Order Number:
NTB5860N/D
NTB5860N, NTP5860N,
NVB5860N
N-Channel Power MOSFET
60 V, 220 A, 3.0 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
NVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain
Current, RqJC
Steady
State
TC = 25°C
ID
220
A
TC = 100°C
156
Power Dissipation,
RqJC
Steady
State
TC = 25°C
PD
283
W
Pulsed Drain Current
tp = 10 ms
IDM
660
A
Current Limited by Package
IDMmax
130
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
130
A
Single Pulse Drain−to−Source Avalanche
Energy (L = 0.3 mH)
EAS
735
mJ
Lead Temperature for Soldering
Purposes (1/8″ from Case for 10 Seconds)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) Steady State
RqJC
0.53
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
28
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
MARKING DIAGRAMS
& PIN ASSIGNMENTS
G
= Pb−Free Device
A
= Assembly Location*
Y
= Year
WW = Work Week
NTP
5860NG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
2
3
4
D2PAK
CASE 418B
STYLE 2
NTB
5860NG
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
60 V
3.0 mW @ 10 V
RDS(on) MAX
ID MAX
V(BR)DSS
220 A
G
S
N−CHANNEL MOSFET
D
*Could be one or two digit alpha or numeric code


Similar Part No. - NTB5860NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5860NL ONSEMI-NTB5860NL Datasheet
122Kb / 7P
   N-Channel Power MOSFET
Augsut, 2012 ??Rev. 1
NTB5860NLT4G ONSEMI-NTB5860NLT4G Datasheet
122Kb / 7P
   N-Channel Power MOSFET
Augsut, 2012 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTB5860NLT4G VBSEMI-NTB5860NLT4G Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTB5860NT4G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com