Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB6413AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTB6413AN
Description  N-Channel Power MOSFET 100 V, 42 A, 28 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB6413AN Datasheet(HTML) 4 Page - ON Semiconductor

  NTB6413AN_12 Datasheet HTML 1Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 2Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 3Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 4Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 5Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 6Page - ON Semiconductor NTB6413AN_12 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTB6413AN, NTP6413AN, NVB6413AN
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
1000
2000
3000
4000
0
10203040
5060708090
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
2
4
6
8
10
0
1020304050
QT
Qgd
Qgs
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
ID = 42 A
TJ = 25°C
1
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
td(off)
tf
tr
td(on)
VDS = 80 V
ID = 42 A
VGS = 10 V
0
10
20
30
40
0.5
0.6
0.7
0.8
0.9
1.0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage versus
Current
TJ = 25°C
VGS = 0 V
0.1
1
10
100
1000
1
10
100
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 10 V
SINGLE PULSE
TC = 25°C
10 ms
100 ms
10 ms
dc
1 ms
0
50
100
150
25
50
75
100
125
150
175
TJ, STARTING JUNCTION TEMPERATURE
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
ID = 56 A
100
80
60
40
20
0
VDS
VGS
0.4
200


Similar Part No. - NTB6413AN_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN_15 Datasheet
85Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com