Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC374 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC374
Description  Octal D-Type Flip-Flop with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC374 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC374_11 Datasheet HTML 1Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 2Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 3Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 4Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 5Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 6Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 7Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 8Page - ON Semiconductor MC74VHC374_11 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74VHC374
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Unit
TA = − 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input
Leakage Current
Vin = 5.5V or GND
0 to 5.5
± 0.1
± 1.0
μA
IOZ
Maximum
Three−State Leakage
Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.25
± 2.5
μA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
μA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
80
55
130
85
70
50
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
130
85
185
120
110
75
tPLH,
tPHL
Maximum Propagation Delay,
CP to Q
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
8.1
10.6
12.7
16.2
1.0
1.0
15.0
18.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.4
6.9
8.1
10.1
1.0
1.0
9.5
11.5
tPZL,
tPZH
Output Enable Time,
OE to Q
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kΩ
CL = 50pF
7.1
9.6
11.0
14.5
1.0
1.0
13.0
16.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
5.1
6.6
7.6
9.6
1.0
1.0
9.0
11.0
tPLZ,
tPHZ
Output Disable Time,
OE to Q
VCC = 3.3 ± 0.3V
CL = 50pF
RL = 1kΩ
10.2
14.0
1.0
16.0
ns
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
6.1
8.8
1.0
10.0
tOSLH,
tOSHL
Output to Output Skew
VCC = 3.3 ± 0.3V
CL = 50pF
(Note 1)
1.5
1.5
ns
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three−State Output
Capacitance (Output in
High−Impedance State)
6
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25°C, VCC = 5.0V
pF
32
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC374_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374DT MOTOROLA-MC74VHC374DT Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHC374DT ONSEMI-MC74VHC374DT Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
logo
Motorola, Inc
MC74VHC374DW MOTOROLA-MC74VHC374DW Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHC374DW ONSEMI-MC74VHC374DW Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
logo
Motorola, Inc
MC74VHC374M MOTOROLA-MC74VHC374M Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results

Similar Description - MC74VHC374_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com