Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB6412ANG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB6412ANG
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB6412ANG Datasheet(HTML) 1 Page - ON Semiconductor

  NTB6412ANG Datasheet HTML 1Page - ON Semiconductor NTB6412ANG Datasheet HTML 2Page - ON Semiconductor NTB6412ANG Datasheet HTML 3Page - ON Semiconductor NTB6412ANG Datasheet HTML 4Page - ON Semiconductor NTB6412ANG Datasheet HTML 5Page - ON Semiconductor NTB6412ANG Datasheet HTML 6Page - ON Semiconductor NTB6412ANG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 1
1
Publication Order Number:
NTB6412AN/D
NTB6412AN, NTP6412AN,
NVB6412AN
N-Channel Power MOSFET
100 V, 58 A, 18.2 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
NVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain Cur-
rent RqJC
Steady
State
TC = 25°C
ID
58
A
TC = 100°C
41
Power Dissipation
RqJC
Steady
State
TC = 25°C
PD
167
W
Pulsed Drain Current
tp = 10 ms
IDM
240
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
58
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 Vdc, VGS = 10 Vdc,
IL(pk) = 44.7 A, L = 0.3 mH, RG = 25 W)
EAS
300
mJ
Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) Steady State
RqJC
0.9
°C/W
Junction−to−Ambient (Note 1)
RqJA
33
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENT
6412AN = Specific Device Code
G
= Pb−Free Device
A
= Assembly Location
Y
= Year
WW = Work Week
1
2
3
4
D2PAK
CASE 418B
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
(Note 1)
100 V
18.2 mW @ 10 V
58 A
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
NTP
6412ANG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
NTB
6412ANG
AYWW
G
S
D
N−Channel


Similar Part No. - NTB6412ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6412ANG ONSEMI-NTB6412ANG Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
NTB6412ANG ONSEMI-NTB6412ANG Datasheet
87Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 2
More results

Similar Description - NTB6412ANG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com