Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB6412ANG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB6412ANG
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB6412ANG Datasheet(HTML) 2 Page - ON Semiconductor

  NTB6412ANG Datasheet HTML 1Page - ON Semiconductor NTB6412ANG Datasheet HTML 2Page - ON Semiconductor NTB6412ANG Datasheet HTML 3Page - ON Semiconductor NTB6412ANG Datasheet HTML 4Page - ON Semiconductor NTB6412ANG Datasheet HTML 5Page - ON Semiconductor NTB6412ANG Datasheet HTML 6Page - ON Semiconductor NTB6412ANG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTB6412AN, NTP6412AN, NVB6412AN
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
V
Drain−to−Source Breakdown Voltage Temper-
ature Coefficient
V(BR)DSS/TJ
103
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 100 V
TJ = 25°C
1.0
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = $20 V
$100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
VGS = VDS, ID = 250 mA
2.0
4.0
V
Negative Threshold Temperature Coefficient
VGS(th)/TJ
9.2
mV/°C
Drain−to−Source On−Resistance
RDS(on)
VGS = 10 V, ID = 58 A
16.8
18.2
mW
VGS = 10 V, ID = 20 A
15.6
18.2
Forward Transconductance
gFS
VDS = 5 V, ID = 20 A
31
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V,
f = 1 MHz
2700
3500
pF
Output Capacitance
Coss
400
500
Reverse Transfer Capacitance
Crss
150
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 80 V,
ID = 58 A
73
100
nC
Threshold Gate Charge
QG(TH)
2.5
Gate−to−Source Charge
QGS
13.5
Gate−to−Drain Charge
QGD
35
Plateau Voltage
VGP
5.6
V
Gate Resistance
RG
2.2
W
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 80 V,
ID = 58 A, RG = 6.2 W
16
ns
Rise Time
tr
140
Turn−Off Delay Time
td(off)
70
Fall Time
tf
126
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
IS = 58 A
TJ = 25°C
0.96
1.3
V
TJ = 125°C
0.89
Reverse Recovery Time
trr
VGS = 0 V, IS = 58 A,
dISD/dt = 100 A/ms
85
ns
Charge Time
ta
60
Discharge Time
tb
25
Reverse Recovery Charge
QRR
270
nC
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTB6412ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6412ANG ONSEMI-NTB6412ANG Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
NTB6412ANG ONSEMI-NTB6412ANG Datasheet
87Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 2
More results

Similar Description - NTB6412ANG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com