Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC574DWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC574DWR2G
Description  Octal D-Type Flip-Flop with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC574DWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC574DWR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 7Page - ON Semiconductor MC74VHC574DWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC74VHC574
Octal D-Type Flip-Flop
with 3-State Output
The MC74VHC574 is an advanced high speed CMOS octal
flip−flip with 3−state output fabricated with silicon gate CMOS
technology. It achieves high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining CMOS low power
dissipation.
This 8−bit D−type flip−flop is controlled by a clock input and an
output enable input. When the output enable input is high, the eight
outputs are in a high impedance state.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7 V, allowing the interface of 5 V systems
to 3 V systems.
High Speed: fmax = 180 MHz (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2 V to 5.5 V Operating Range
Low Noise: VOLP = 1.2 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 266 FETs or 66.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 6
1
Publication Order Number:
MC74VHC574/D
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC74VHC574DWR2G
SOIC−20
1000 / T&R
MC74VHC574DWG
1
20
MARKING DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
VHC574
AWLYYWWG
TSSOP−20
DT SUFFIX
CASE 948E
1
1
20
1
20
20
VHC574
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
VHC
574
ALYWG
G
MC74VHC574DTR2G
TSSOP−20
2500 / T&R
MC74VHC574DTG
TSSOP−20
SOIC−20
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
38 / Rail
75 / Rail


Similar Part No. - MC74VHC574DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC574DW MOTOROLA-MC74VHC574DW Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHC574DW ONSEMI-MC74VHC574DW Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
More results

Similar Description - MC74VHC574DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com