Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWS124.5Q48PML1C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48PML1C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48PML1C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  UWS124.5Q48PML1C Datasheet HTML 1Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 2Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 3Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 4Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 1 of 25
FEATURES
High efficiency synchronous rectifier forward
topology
18-75 Volts DC wide input range with 3.3, 5 and
12 Volts for Output voltage
Up to 54 Watts total output power with
overtemperature shutdown
Tiny 1.31" x 0.91" x 0.36" open frame package
Industry standard DOSA "brick" format
and pinout
Extensive self-protection shut down features
Small footprint DC/DC converter, ideal for high
current applications
2250 Volt Basic input/output isolation (48V
models)
Operating temperature range -40 to +85
°C with
derating
Stable no-load operation with no required exter-
nal components
Certified to UL 60950-1, 2nd Edition, EN60950-1
safety approvals
The world of “brick” DC/DC converters has seen
a steady size reduction. The UWS series makes
another dramatic size shrink down to a “sixteenth-
brick” width (0.91 inches) while still retaining a
high power output and full 2250 Volt DC isolation.
The PC-board mount converter family accepts
18 to 75 Volts DC inputs and delivers fixed outputs
regulated to within ±0.125%. The UWS converters
are ideal for datacom and telecom applications,
cell phone towers, data centers, server farms and
network repeaters.
UWS outputs may be trimmed while delivering
fast settling to current step loads and no adverse
effects from higher capacitive loads. Excellent ripple
and noise specifications assure compatibility to cir-
cuits using CPU’s, ASIC’s, programmable logic and
FPGA’s. No minimum load is required. For systems
requiring controlled startup/shutdown, an external
remote On/Off control may use a switch, transistor
or digital logic.
Many self-protection features on the UWS series
avoid both converter and external circuit hazards.
These include input undervoltage lockout and
overtemperature shutdown. The output of these
DC/DC converters have current limit using the
“hiccup” autorestart technique and the outputs may
be short-circuited indefinitely. Additional features
include output overvoltage and reverse conduction
elimination.
The synchronous rectifier forward topology yields
high efficiency for minimal heat buildup and “no
fan” operation.
PRODUCT OVERVIEW
F1
External
DC
Power
Source
Reference and
Error Amplifier
-Vout (4)
+Vout (8)
Trim (6)
On/Off
Control
(2)
-Vin (3)
Open = On
+Vin (1)
Controller
and Power
Barrier
Typical topology is shown. Murata Power
Solutions recommends an external fuse.
Figure 1. Connection Diagram
*Sense is included on the UWS-3.3/15-Q48
and UWS-5/10-Q48.
Typical units
FPGA’ N
i i
l d i
i
Sixteenth-brick DOSA-C
Wide Input Isolated DC/DC
l units
PRODUCT OVERVIEW
Typica


Similar Part No. - UWS124.5Q48PML1C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48PML1C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com