Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWS124.5Q48NML2C Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48NML2C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48NML2C Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button UWS124.5Q48NML2C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 9Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 10Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 11Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 12Page - Murata Power Solutions Inc. UWS124.5Q48NML2C Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 9 of 25
TYPICAL PERFORMANCE DATA, UWS-5/10-Q48
4
5
6
7
8
9
10
11
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
2.0 m/s (400 LFM)
3
4
5
6
7
8
9
10
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 to 2.0 m/s (200-400 LFM)
4
5
6
7
8
9
10
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 to 2.0 m/s (65 to 400 LFM)
4
5
6
7
8
9
10
11
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5 m/s (300 LFM)
2.0 m/s (400 LFM)
Maximum Current Temperature Derating at Sea Level
(VIN = 18, airflow is from pin 1 to pin 3)
Maximum Current Temperature Derating at Sea Level
(VIN = 36, airflow is from pin 1 to pin 3)
Maximum Current Temperature Derating at Sea Level
(VIN = 24, airflow is from pin 1 to pin 3)
Maximum Current Temperature Derating at Sea Level
(VIN = 48V, airflow is from pin 3 to pin 1)
Efficiency vs. Line Voltage and Load Current @ 25
°C – Vin = 36V-75V
Efficiency vs. Line Voltage and Load Current @ 25
°C – Vin = 18V-36V
60
65
70
75
80
85
90
95
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Vin = 60V
Vin = 75V
Vin = 36V
Vin = 48V
Load Current (Amps)
72
74
76
78
82
84
80
86
88
90
92
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Vin = 36V
Vin = 18V
Vin = 24V
Load Current (Amps)


Similar Part No. - UWS124.5Q48NML2C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48NML2C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com