Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSV2080CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTSV2080CT
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSV2080CT Datasheet(HTML) 2 Page - ON Semiconductor

  NTSV2080CT Datasheet HTML 1Page - ON Semiconductor NTSV2080CT Datasheet HTML 2Page - ON Semiconductor NTSV2080CT Datasheet HTML 3Page - ON Semiconductor NTSV2080CT Datasheet HTML 4Page - ON Semiconductor NTSV2080CT Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTSV2080CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Average Rectified Forward Current
(Rated VR, TC = 130°C)
Per device
Per diode
IF(AV)
20
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz, TC = 125°C)
Per device
Per diode
IFRM
40
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
100
A
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−40 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.0
70
°C/W
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg unless otherwise noted)
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(IF = 5 A, TJ = 25°C)
(IF = 10 A, TJ = 25°C)
(IF = 5 A, TJ = 125°C)
(IF = 10 A, TJ = 125°C)
vF
0.55
0.65
0.50
0.58
0.98
0.82
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
20
10
600
20
mA
mA
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%
ORDERING INFORMATION
Device
Package
Shipping
NTSV2080CTG
TO−220AB
(Pb−Free/Halide Free)
50 Units / Rail


Similar Part No. - NTSV2080CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSV2080CT ONSEMI-NTSV2080CT Datasheet
107Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSV2080CTG ONSEMI-NTSV2080CTG Datasheet
107Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSV2080CT ONSEMI-NTSV2080CT_14 Datasheet
107Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
More results

Similar Description - NTSV2080CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com