Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1832A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1832A
Description  Ultrahigh-Speed Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1832A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1832A Datasheet HTML 1Page - Sanyo Semicon Device ENA1832A Datasheet HTML 2Page - Sanyo Semicon Device ENA1832A Datasheet HTML 3Page - Sanyo Semicon Device ENA1832A Datasheet HTML 4Page - Sanyo Semicon Device ENA1832A Datasheet HTML 5Page - Sanyo Semicon Device ENA1832A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RD2006FR
No. A1832-1/6
91912 TKIM/91510SA TKIM TC-00002488
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Ordering number : ENA1832A
Features
VF=1.75V max (IF=20A)
VRRM=600V
trr=21ns (typ.)
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
DC bias
600
V
Average Output Current
IO
20
A
Surge Forward Current
IFSM
Sine wave, 10ms single pulse
220
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7532-001
RD2006FR DiffusedJunctionSiliconDiode
Ultrahigh-Speed Switching Diode
2
1
RD2006
FR LOT No.
1 : Cathode
2 : Anode
SANYO : TO-220F-2FS
10.16
0.8
1.47 MAX
1.28
4.7
2.54
2.76
12
0.5
5.08
3.18
* : This part is not a metal
but a resin
*
RD2006FR-H
Product & Package Information
• Package
: TO-220F-2FS
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50pcs./magazine
Marking
Electrical Connection


Similar Part No. - ENA1832A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1833C SANYO-ENA1833C Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
ENA1835A ONSEMI-ENA1835A Datasheet
180Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA1836B ONSEMI-ENA1836B Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
ENA1837A ONSEMI-ENA1837A Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
logo
Sanyo Semicon Device
ENA1839A SANYO-ENA1839A Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Similar Description - ENA1832A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RD2003JS-SB SANYO-RD2003JS-SB Datasheet
197Kb / 3P
   Ultrahigh-Speed Switching Diode
RD2006FR SANYO-RD2006FR Datasheet
240Kb / 3P
   Ultrahigh-Speed Switching Diode
DCC010 SANYO-DCC010 Datasheet
54Kb / 2P
   Ultrahigh-Speed Switching Diode
DCG010 SANYO-DCG010 Datasheet
50Kb / 2P
   Ultrahigh-Speed Switching Diode
DWA010 SANYO-DWA010 Datasheet
68Kb / 2P
   Ultrahigh-Speed Switching Diode
DWC010 SANYO-DWC010 Datasheet
56Kb / 2P
   Ultrahigh-Speed Switching Diode
RD2004LN SANYO-RD2004LN_09 Datasheet
48Kb / 3P
   Ultrahigh-Speed Switching Diode
RD2006RH-SB SANYO-RD2006RH-SB Datasheet
254Kb / 3P
   Ultrahigh-Speed Switching Diode
DCC010_9806 SANYO-DCC010_9806 Datasheet
69Kb / 2P
   Ultrahigh-Speed Switching Diode
DCF010 SANYO-DCF010 Datasheet
49Kb / 2P
   Ultrahigh-Speed Switching Diode
RD2004JS-SB SANYO-RD2004JS-SB Datasheet
195Kb / 3P
   Ultrahigh-Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com