Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01732.70.01 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 01732.70.01
Description  3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01732.70.01 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  01732.70.01 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
Application-Specific Extension Cords
Cord & Cordset
Product Construction:
Conductor:
• 18 AWG through 12 AWG stranded bare copper
per ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; black or gray
Applications:
• For replacement use
Features:
• Straight plug
• Conductor stripped 5/8”
• Jacket removed 1 1/2”
Industry Approvals:
• UL Listed
• CSA
Power Supply Replacement Cords
2 and 3 Conductor • Type SJT and ST • 60˚C • 300 Volts and 600 Volts
CATALOG
NUMBER
CORD
TYPE
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PLUG
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
02685.70.01 SJOOW
3
18
8
Black
125
10
1250
5-15P
Straight
25
0.6
14
079407026852
02686.70.01 SJOW
3
16
8
Black
125
13
1625
5-15P
Straight
35
0.7
24
079407026869
04932.70.01
SJ
3
16
12
Black
125
13
1625
5-15P
Straight
50
0.8
40
079407049325
04929.70.01
SJ
3
16
9
Black
125
13
1625
5-15P
Straight
50
0.6
30
079407049295
04926.70.01
SJ
3
16
6
Black
125
13
1625
5-15P
Straight
50
0.6
28
079407049264
CATALOG
NUMBER
CORD
TYPE
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PLUG
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
300 Volt
02523.73.01 SJT
3
18
3
Black 125
10
1250
5-15P Straight 50
0.2
12
079407025237
01364.70.01 SJT
3
18
8'2"
Black 125
10
1250
5-15P Straight 50
0.5
25
079407213641
02052.70.01 SJT
3
18
12
Black 125
10
1250
5-15P Straight 50
0.7
36
079407020522
02524.73.01 SJT
3
16
3
Black 125
13
1625
5-15P Straight 50
0.3
14
079407025244
02547.70.01 SJT
3
16
6
Black 125
13
1625
5-15P Straight 25
0.5
13
079407018444
01513.70.01 SJT
3
16
8'2"
Black 125
13
1625
5-15P Straight 45
0.7
32
079407315130
04949.60.10 SJT
3
16
9
Gray
125
13
1625
5-15P Straight 50
0.7
35
079407049493
01614.70.01 SJT
3
16
12
Black 125
13
1625
5-15P Straight 50
0.9
44
079407016143
01278.70.01 SJT
2
16
8
Black 125
13
1625
1-15P Straight 30
0.5
14
079407012787
01950.70.01 SJT
3
14
8
Black 125
15
1875
5-15P Straight 50
0.8
41
079407019502
600 Volt
01951.70.01 ST
3
12
8
Black 125
15
1875
5-15P Straight 25
1.8
45
079407719518
With Switch
CORD
TYPE
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PLUG
CONFIG.
SWITCH
SPEED
PKG. PER
CTN.
WT./UNIT
LBS
WT./CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
01732.70.01 SJT
3
18
8
Black 125
10
1250
5-15P
Straight 1 Speed (On/Off)
25
0.7
18
079407017324
02053.70.01 SJT
3
18
12
Black 125
10
1250
5-15P
Straight 1 Speed (On/Off)
15
0.8
12
079407020539
With Strain
Relief
CORD
TYPE
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PLUG
CONFIG.
STRAIN
RELIEF
PKG. PER
CTN.
WT./UNIT
LBS
WT./CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
02548.70.01 SJT
3
16
6
Black 125
13
1625
5-15P
Straight 7" From Free End
25
0.5
13
079407025480
With
Receptacle
Only
CORD
TYPE
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
RECEPTACLE
CONFIG.
PKG. PER CTN.
WT./UNIT
LBS
WT./CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
04530.73.01 SJT
3
16
3
Black 125
13
1625
5-15R
Straight
50
0.2
9
079407045303
Power Supply Replacement Cords
3-Conductor Grounded • Type SJ, SJOW and SJOOW • 60˚C • 300 Volts
Product Construction:
Conductor:
• 18 AWG or 16 AWG stranded bare
copper per ASTM B-174
Insulation:
• Premium-grade, color-coded EPDM
Jacket:
• CPE; black
Applications:
• For replacement use
Features:
• For replacement use
• Straight plug
Industry Approvals:
• UL Listed
• CSA


Similar Part No. - 01732.70.01

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0173220000 WEIDMULLER-0173220000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 01732.70.01

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02332.70.01 GENERAL-02332.70.01 Datasheet
73Kb / 1P
   Pro Flex짰 Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60?C . 300 Volts
00436.63.17 GENERAL-00436.63.17 Datasheet
80Kb / 1P
   3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
00594.63.04 GENERAL-00594.63.04 Datasheet
64Kb / 1P
   3-Conductor Grounded . Type STW, SJEOOW and SJTW . -40쨘C to 60?C . 300 and 600 Volts
03302.63.04 GENERAL-03302.63.04 Datasheet
71Kb / 1P
   Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40쨘C to 60?C . 300 Volts
03390.63.05 GENERAL-03390.63.05 Datasheet
64Kb / 1P
   Lifetime Plus짰 Super Flex짰 Lighted Extension Cords 3-Conductor Grounded . Type SJTW . -50쨘C to 60?C . 300 Volts
04457.60.05 GENERAL-04457.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
04497.60.05 GENERAL-04497.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
00604.63.01 GENERAL-00604.63.01 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
logo
List of Unclassifed Man...
HP50-24 ETC2-HP50-24 Datasheet
29Kb / 1P
   Wire SPT1 2 and 3 conductor 105C, 300 volts
HP25-24 ETC2-HP25-24 Datasheet
205Kb / 1P
   SPT1 2 conductor 105C, 300 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com