Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN2999C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # EN2999C
Description  50V, 500mA Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN2999C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  EN2999C Datasheet HTML 1Page - Sanyo Semicon Device EN2999C Datasheet HTML 2Page - Sanyo Semicon Device EN2999C Datasheet HTML 3Page - Sanyo Semicon Device EN2999C Datasheet HTML 4Page - Sanyo Semicon Device EN2999C Datasheet HTML 5Page - Sanyo Semicon Device EN2999C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SB05-05P
No.2999-5/6
Outline Drawing
Land Pattern Example
SB05-05P-TD-E
Mass (g) Unit
0.058
* For reference mm
Unit: mm
2.2
1.0
1.5
3.0
1.0
45°
45°


Similar Part No. - EN2999C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EN2997 TEC-EN2997 Datasheet
1Mb / 20P
   HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
More results

Similar Description - EN2999C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
   50V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
SB05W05C SANYO-SB05W05C Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05P SANYO-SB05-05P Datasheet
57Kb / 2P
   50V, 500mA Rectifier
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
   50V, 500mA Rectifier
SB05-05C SANYO-SB05-05C Datasheet
48Kb / 3P
   50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
   500mA / 50V Digital transistors
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com