Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2559 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2559
Description  Playback Equalizer Amplifier with Music Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2559 Datasheet(HTML) 4 Page - Sony Corporation

  CXA2559 Datasheet HTML 1Page - Sony Corporation CXA2559 Datasheet HTML 2Page - Sony Corporation CXA2559 Datasheet HTML 3Page - Sony Corporation CXA2559 Datasheet HTML 4Page - Sony Corporation CXA2559 Datasheet HTML 5Page - Sony Corporation CXA2559 Datasheet HTML 6Page - Sony Corporation CXA2559 Datasheet HTML 7Page - Sony Corporation CXA2559 Datasheet HTML 8Page - Sony Corporation CXA2559 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
– 4 –
CXA2559Q
11
12
G2FB
G1FB
Music signal
interval detection
level setting.
4.0V
GND
500
Vcc
147
500
11
12
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resis-
tance
Equivalent circuit
Description
DC
AC
7
24
LINEOUT1
LINEOUT2
O
Line output.
4.0V
–6dBm
10
MSLPF
100k
Cut-off frequency
adjustment of the
music sensor LPF.
4.0V
7
24
GND
200
200
Vcc
22.5k
147
10
GND
147
Vcc
100k
64p
13
MSTC
Time constant for
detecting the
music signal
interval.
13
GND
147
10k
Vcc
853
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)


Similar Part No. - CXA2559

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
More results

Similar Description - CXA2559

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2509AQ SONY-CXA2509AQ Datasheet
433Kb / 21P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com