Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1351G-100AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1351G-100AXC
Description  4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-100AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1351G-100AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-100AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C1351G
Document Number: 38-05513 Rev. *K
Page 3 of 20
Contents
Pin Configurations ........................................................... 4
Pin Definitions .................................................................. 5
Functional Overview ........................................................ 6
Single Read Accesses ................................................ 6
Burst Read Accesses .................................................. 6
Single Write Accesses ................................................. 6
Burst Write Accesses .................................................. 6
Sleep Mode ................................................................. 7
Linear Burst Address Table ......................................... 7
Interleaved Burst Address Table ................................. 7
ZZ Mode Electrical Characteristics .............................. 7
Truth Table ........................................................................ 8
Partial Truth Table for Read/Write .................................. 8
Maximum Ratings ............................................................. 9
Operating Range ............................................................... 9
Electrical Characteristics ................................................. 9
Capacitance .................................................................... 10
Thermal Resistance ........................................................ 10
AC Test Loads and Waveforms ..................................... 11
Switching Characteristics .............................................. 12
Switching Waveforms .................................................... 13
Ordering Information ...................................................... 15
Ordering Code Definitions ......................................... 15
Package Diagrams .......................................................... 16
Acronyms ........................................................................ 17
Document Conventions ................................................. 17
Units of Measure ....................................................... 17
Document History Page ................................................. 18
Sales, Solutions, and Legal Information ...................... 20
Worldwide Sales and Design Support ....................... 20
Products .................................................................... 20
PSoC Solutions ......................................................... 20


Similar Part No. - CY7C1351G-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com