Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1353G Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1353G
Description  4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1353G Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1353G_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 10Page - Cypress Semiconductor CY7C1353G_12 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C1353G
Document Number: 38-05515 Rev. *J
Page 7 of 18
Truth Table
The truth table for CY7C1353G follows. [1, 2, 3, 4, 5, 6, 7]
Operation
Address Used CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Deselect cycle
None
H
X
X
L
L
X
X
X
L
L->H
Tri-state
Deselect cycle
None
X
X
H
L
L
X
X
X
L
L->H
Tri-state
Deselect cycle
None
X
L
X
L
L
X
X
X
L
L->H
Tri-state
Continue deselect cycle
None
X
X
X
L
H
X
X
X
L
L->H
Tri-state
READ cycle (begin burst)
External
L
H
L
L
L
H
X
L
L
L->H Data out (Q)
READ cycle (continue burst)
Next
X
X
X
L
H
X
X
L
L
L->H Data out (Q)
NOP/DUMMY READ (begin burst)
External
L
H
L
L
L
H
X
H
L
L->H
Tri-state
DUMMY READ (continue burst)
Next
X
X
X
L
H
X
X
H
L
L->H
Tri-state
WRITE cycle (begin burst)
External
L
H
L
L
L
L
L
X
L
L->H Data in (D)
WRITE cycle (continue burst)
Next
X
X
X
L
H
X
L
X
L
L->H Data in (D)
NOP/WRITE ABORT (begin burst)
None
L
H
L
L
L
L
H
X
L
L->H
Tri-state
WRITE ABORT (continue burst)
Next
X
X
X
L
H
X
H
X
L
L->H
Tri-state
IGNORE CLOCK EDGE (stall)
Current
X
X
X
L
X
X
X
X
H
L->H
SLEEP MODE
None
X
X
X
H
X
X
X
X
X
X
Tri-state
Partial Truth Table for Read/Write
The partial truth table for Read/Write for CY7C1353G follows. [1, 2, 8]
Function
WE
BWA
BWB
Read
HX
X
Write – no bytes written
LH
H
Write byte A – (DQA and DQPA)L
L
H
Write byte B – (DQB and DQPB)L
H
L
Write all bytes
LL
L
Notes
1. X =”Don’t Care.” H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one byte write select is active, BWx = valid signifies that the desired byte write selects
are asserted, see truth table for details.
2. Write is defined by BWX, and WE. See truth table for read/write.
3. When a write cycle is detected, all IOs are tri-stated, even during byte writes.
4. The DQs and DQP[A:B] pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
5. CEN = H, inserts wait states.
6. Device powers up deselected and the IOs in a tri-state condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQP[A:B] = tri-state when OE is
inactive or when the device is deselected, and DQs and DQP[A:B] = data when OE is active.
8. Table only lists a partial listing of the byte write combinations. Any combination of BW[A:D] is valid. Appropriate write is based on which byte write is active.


Similar Part No. - CY7C1353G_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G-100AXC CYPRESS-CY7C1353G-100AXC Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G-100AXI CYPRESS-CY7C1353G-100AXI Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G-100AXI CYPRESS-CY7C1353G-100AXI Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1353G_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com