Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2560 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2560
Description  Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2560 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2560 Datasheet HTML 2Page - Sony Corporation CXA2560 Datasheet HTML 3Page - Sony Corporation CXA2560 Datasheet HTML 4Page - Sony Corporation CXA2560 Datasheet HTML 5Page - Sony Corporation CXA2560 Datasheet HTML 6Page - Sony Corporation CXA2560 Datasheet HTML 7Page - Sony Corporation CXA2560 Datasheet HTML 8Page - Sony Corporation CXA2560 Datasheet HTML 9Page - Sony Corporation CXA2560 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
– 6 –
CXA2560Q
33
38
PBGND
——
Playback
equalizer amplifier
ground.
(Connect to
ground.)
0.0V
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resist-
ance
Equivalent circuit
Description
DC
AC
20
MSMODE
I
100k
Music sensor
mode control.
Low (open): G1
High: G2
0.0V
when
open
GND
100k
Vcc
147
20
25
DIREF
Resistance for
setting the
reference current.
(Connects 18k
between DIREF
pin and GND for
the standard
setting.)
1.2V
Vcc
147
25
GND
50p
50p
40
37
34
31
32
Vcc
GND
39
150
150
26
GND
Ground.
0.0V
31
40
PBFB2
PBFB1
I—
Playback
equalizer amplifier
feedback.
4.0V
–70dBm
32
39
PBRIN2
PBRIN1
Playback
equalizer amplifier
input.
(REVERSE head
connected)
34
37
PBFIN2
PBFIN1
I
Playback
equalizer amplifier
input.
(FORWARD head
connected)
4.0V
–70dBm
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)


Similar Part No. - CXA2560

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Similar Description - CXA2560

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com