Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4231-15JXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C4231-15JXC
Description  1 K / 2 K 횞 9 Synchronous FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4231-15JXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C4231-15JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C4231-15JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY7C4221 / CY7C4231
Document Number: 38-06016 Rev. *H
Page 3 of 22
Contents
Pin Configuration ............................................................. 4
Pin Definitions .................................................................. 4
Architecture ...................................................................... 5
Resetting the FIFO ............................................................ 5
FIFO Operation ................................................................. 5
Programming .................................................................... 5
Programmable Flag (PAE, PAF) Operation ................ 6
Width Expansion Configuration ...................................... 7
Flag Operation .................................................................. 7
Full Flag ....................................................................... 7
Empty Flag .................................................................. 7
Maximum Ratings ............................................................. 8
Operating Range ............................................................... 8
Electrical Characteristics ................................................. 8
Capacitance ...................................................................... 8
AC Test Loads and Waveforms ....................................... 9
Switching Characteristics ................................................ 9
Switching Waveforms .................................................... 10
Typical AC and DC Characteristics .............................. 16
Ordering Information ...................................................... 17
1 K × 9 Synchronous FIFO ........................................ 17
2 K × 9 Synchronous FIFO ........................................ 17
Ordering Code Definitions ......................................... 17
Package Diagrams .......................................................... 18
Acronyms ........................................................................ 20
Document Conventions ................................................. 20
Units of Measure ....................................................... 20
Document History Page ................................................. 21
Sales, Solutions, and Legal Information ...................... 22
Worldwide Sales and Design Support ....................... 22
Products .................................................................... 22
PSoC Solutions ......................................................... 22


Similar Part No. - CY7C4231-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4231-15JXC CYPRESS-CY7C4231-15JXC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4231-15JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
Fujitsu Component Limit...
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com