Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65632-28LTXCT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C65632-28LTXCT
Description  HX2VL??Very Low Power USB 2.0 Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65632-28LTXCT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C65632-28LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 12Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 13Page - Cypress Semiconductor CY7C65632-28LTXCT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY7C65632, CY7C65634
Document Number: 001-67568 Rev. *F
Page 10 of 25
Pin Definitions
48-pin TQFP Package
Name
Pin No.
Type [1]
Description
Power and Clock
VCC_A
1
P
VCC_A. 3.3 V analog power to the chip.
VCC_A
7
P
VCC_A. 3.3 V analog power to the chip.
VCC_A
12
P
VCC_A. 3.3 V analog power to the chip.
VCC_A
16
P
VCC_A. 3.3 V analog power to the chip.
VCC_A
19
P
VCC_A. 3.3 V analog power to the chip. NC in CY7C65634.
VCC_D
34
P
VCC_D. 3.3 V digital power to the chip.
VCC_D
38
P
VCC_D. 3.3 V digital power to the chip.
VCC
47
P
VCC. 5 V input to the internal regulator; NC if using external regulator
VREG
48
P
VREG. 5–3.3 V regulator o/p during internal regulation; NC if using external regulator.
GND
2
P
GND. Connect to Ground with as short a path as possible.
GND
8
P
GND. Connect to Ground with as short a path as possible.
GND
13
P
GND. Connect to Ground with as short a path as possible.
GND
20
P
GND. Connect to Ground with as short a path as possible.
XIN
14
I
12 MHz crystal clock input, or 12/27/48 MHz clock input.
XOUT
15
O
12 MHz Crystal OUT
SEL48/SEL27
25 / 44
I
Clock source selection inputs.
00: Reserved
01: 48 MHz OSC-in
10: 27 MHz OSC-in
11: 12 MHz Crystal or OSC-in
RESET#
26
I
Active LOW Reset. External reset input, default pull high 10 k
; When RESET = low,
whole chip is reset to the initial state.
SELFPWR
37
I
Self Power. Input for selecting self/bus power. 0 is bus powered, 1 is self powered.
GANG
39
I/O
GANG. Default is input mode after power-on-reset.
Gang Mode: Input:1 -> Output is 0 for Normal Operation and 1 for Suspend
Individual Mode: Input:0 -> Output is 1 for Normal Operation and 0 for Suspend
Refer to Gang/Individual Power Switching Modes in Pin Configuration Options
Section for details
RREF
11
I/O
649 ohm resistor must be connected between RREF and Ground.
System Interface
Test
I2C_SCL
27
I(RDN)
I/O(RDN)
Test: 0: Normal Operation & 1: Chip will be put in test mode.
I2C_SCL: Can be used as I2C clock pin to access I2C EEPROM.
Upstream Port
D–
3
I/O/Z
Upstream D– Signal.
D+
4
I/O/Z
Upstream D+ Signal.
Downstream Port 1
DD–[1]
5
I/O/Z
Downstream D– Signal. Downstream D- signal of port 1.
DD+[1]
6
I/O/Z
Downstream D+ Signal. Downstream D+ signal of port 1.
AMBER[1]
SPI_CS
46
O(RDN)
O(RDN)
LED. Driver output for Amber LED. Port Indicator Support. Default is Active LOW.
SPI_CS. Can be used as chip select to access external SPI EEPROM.
Note
1. Pin Types: I = Input, O = Output, P = Power/Ground, Z = High Impedance, RDN = Pad internal Pull Down Resistor, RUP = Pad internal Pull Up Resistor.


Similar Part No. - CY7C65632-28LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65632-28LTXC CYPRESS-CY7C65632-28LTXC Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
More results

Similar Description - CY7C65632-28LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65642_1107 CYPRESS-CY7C65642_1107 Datasheet
410Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642 Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642_12 Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
CY7C65632 CYPRESS-CY7C65632 Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com