Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104M-ZSP25XIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104M-ZSP25XIT
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104M-ZSP25XIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104M-ZSP25XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104M-ZSP25XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY14B104K, CY14B104M
4-Mbit (512 K × 8/256 K × 16) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-07103 Rev. *Z
Revised August 27, 2012
4-Mbit (512 K × 8/256 K × 16) nvSRAM with Real Time Clock
Features
25 ns and 45 ns access times
Internally organized as 512 K × 8 (CY14B104K) or 256 K × 16
(CY14B104M)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM is initiated by software or power-up
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3 V +20%, –10% operation
Data integrity of Cypress nvSRAM combined with full-featured
real time clock (RTC)
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Industrial temperature
44-pin and 54-pin thin small outline package (TSOP) Type II
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B104K and CY14B104M combines a 4-Mbit
nonvolatile static RAM (nvSRAM) with a full-featured RTC in a
monolithic integrated circuit. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM is read and
written infinite number of times, while independent nonvolatile
data resides in the nonvolatile elements.
The RTC function provides an accurate clock with leap year
tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
2048 X 2048
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
2048 X 2048
STORE
RECALL
V
CC
V
CA
P
HSB
A
9 A10 A11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A
14 - A2
OE
CE
WE
BHE
BLE
A
0
A
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
17
A
18
DQ
0
DQ
1
DQ
2
DQ
3
DQ
4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ
10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
RTC
MUX
A
18- A0
X
out
X
in
INT
V
RTCbat
V
RTCcap
Logic Block Diagram [1, 2, 3]
Notes
1. Address A0–A18 for × 8 configuration and Address A0–A17 for × 16 configuration.
2. Data DQ0–DQ7 for × 8 configuration and Data DQ0–DQ15 for × 16 configuration.
3. BHE and BLE are applicable for × 16 configuration only.


Similar Part No. - CY14B104M-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M-ZSP25XIT CYPRESS-CY14B104M-ZSP25XIT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP25XIT CYPRESS-CY14B104M-ZSP25XIT Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M-ZSP25XIT CYPRESS-CY14B104M-ZSP25XIT Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
More results

Similar Description - CY14B104M-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com