Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14ME064J1A-SXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14ME064J1A-SXI
Description  64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J1A-SXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14ME064J1A-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 10Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 11Page - Cypress Semiconductor CY14ME064J1A-SXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PRELIMINARY
CY14MB064J1A/CY14MB064J2A
CY14ME064J1A/CY14ME064J2A
Document Number: 001-70393 Rev. *E
Page 8 of 28
Memory Control Register
The Memory Control Register contains the following bits:
BP1:BP0: Block Protect bits are used to protect 1/4, 1/2 or full
memory array. These bits can be written through a write
instruction to the 0x00 location of the Control Register Slave
device. However, any STORE cycle causes transfer of SRAM
data into a nonvolatile cell regardless of whether or not the
block is protected. The default value shipped from the factory
for BP0 and BP1 is ‘0’.
SNL (S/N Lock) Bit: Serial Number Lock bit (SNL) is used to lock
the serial number. Once the bit is set to ‘1’, the serial number
registers are locked and no modification is allowed. This bit
cannot be cleared to ‘0’. The serial number is secured on the next
STORE operation (Software STORE or AutoStore). If AutoStore
is not enabled, user must perform the Software STORE
operation to secure the lock bit status. If a STORE was not
performed, the serial number lock bit will not survive the power
cycle. The default value shipped from the factory for SNL is ‘0’.
Command Register
The Command Register resides at address “AA” of the Control
Registers Slave device. This is a write only register. The byte
written to this register initiates a STORE, RECALL, AutoStore
Enable, AutoStore Disable and sleep mode operation as listed in
Table 5. Refer to Serial Number on page 16 for details on how to
execute a command register byte.
STORE: Initiates nvSRAM Software STORE. The nvSRAM
cannot be accessed for tSTORE time after this instruction has
been executed. When initiated, the device performs a STORE
operation regardless of whether a write has been performed
since the last NV operation. After the tSTORE cycle time is
completed, the SRAM is activated again for read/write
operations.
RECALL: Initiates nvSRAM Software RECALL. The nvSRAM
cannot be accessed for tRECALL time after this instruction has
been executed. The RECALL operation does not alter the data
in the nonvolatile elements. A RECALL may be initiated in two
ways: Hardware RECALL, initiated on power-up; and Software
RECALL, initiated by a I2C RECALL instruction.
ASENB: Enables nvSRAM AutoStore. The nvSRAM cannot be
accessed for tSS time after this instruction has been executed.
This setting is not nonvolatile and needs to be followed by a
manual STORE sequence if this is desired to survive power
cycle. The part comes from the factory with AutoStore Enabled
and 0x00 written in all cells.
ASDISB: Disables nvSRAM AutoStore. The nvSRAM cannot
be accessed for tSS time after this instruction has been
executed. This setting is not nonvolatile and needs to be
followed by a manual STORE sequence if this is desired to
survive the power cycle.
Note If AutoStore is disabled and VCAP is not required, it is
required that the VCAP pin is left open. VCAP pin must never be
connected to ground. Power-Up RECALL operation cannot be
disabled in any case.
SLEEP: SLEEP instruction puts the nvSRAM in a sleep mode.
When the SLEEP instruction is registered, the nvSRAM takes
tSS time to process the SLEEP request. Once the SLEEP
command is successfully registered and processed, the
nvSRAM performs a STORE operation to secure the data to
nonvolatile memory and then enters into SLEEP mode.
Whenever nvSRAM enters into sleep mode, it initiates non
volatile STORE cycle which results in losing an endurance
cycle per sleep command execution. A STORE cycle starts only
if a write to the SRAM has been performed since the last
STORE or RECALL cycle.
Table 2. Control Registers map
Address Description Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains Block Protect
Bits and Serial Number
Lock bit
0x01
Serial
Number 8
Bytes
Read/Write
(Read only
when SNL is
set)
Programmable Serial
Number. Locked by
setting the Serial
Number lock bit in the
Memory Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only
Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved
Reserved
0xAA
Command
Register
Write only
Allows commands for
STORE, RECALL,
AutoStore
Enable/Disable, SLEEP
Mode
Table 3. Memory Control Register Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0SNL
(0)
0
0
BP1
(0)
BP0
(0)
00
Table 4. Block Protection
Level
BP1:BP0
Block Protection
0
00
None
1/4
01
0x1800–0x1FFF
1/2
10
0x1000–0x1FFF
1
11
0x0000–0x1FFF
Table 5. Command Register bytes
Data Byte
[7:0]
Command
Description
0011 1100
STORE
STORE SRAM data to nonvolatile
memory
0110 0000
RECALL
RECALL data from nonvolatile
memory to SRAM
0101 1001
ASENB
Enable AutoStore
0001 1001
ASDISB
Disable AutoStore
1011 1001
SLEEP
Enter Sleep Mode for low power
consumption


Similar Part No. - CY14ME064J1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J1A-SXI CYPRESS-CY14ME064J1A-SXI Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14ME064J1A-SXIT CYPRESS-CY14ME064J1A-SXIT Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com