Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14ME064J2A-SXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14ME064J2A-SXIT
Description  64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J2A-SXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14ME064J2A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14ME064J2A-SXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PRELIMINARY
CY14MB064J1A/CY14MB064J2A
CY14ME064J1A/CY14ME064J2A
Document Number: 001-70393 Rev. *E
Page 7 of 28
Memory Slave Device
The nvSRAM device is selected for Read/Write if the master
issues the slave address as 1010b followed by two/three bits of
device select. For CY14MX064J1A device select is 3 bits and for
CY14MX064J2A it is two bits with third bit don’t care. If slave
address sent by the master matches with the Memory Slave
device address then depending on the R/W bit of the slave
address, data is either read from (R/W = ‘1’) or written to (R/W =
’0’) the nvSRAM.
The address length for CY14MX064J is 13 bits and thus it
requires 2 address bytes to map the entire memory address
location. The dedicated two address bytes represent bit A0 to
A12. However, since the address is only 13-bits, it implies that
the first three MSB bits that is fed in is ignored by the device.
Although these bits are ‘don’t care’, Cypress recommends that
this bit is treated as 0 to enable seamless transition to higher
memory densities.
Control Registers Slave Device
The Control Registers Slave device includes the Serial Number,
Product ID, Memory Control and Command Register.
The nvSRAM Control Register Slave device is selected for
Read/Write if the master issues the Slave address as 0011b
followed by two/three bits of device select. For CY14MX064J1A
device select is 3 bits and for CY14MX064J2A it is two bits with
third bit don’t care. If the slave address sent by the master
matches with the Memory Slave device address then depending
on the R/W bit of the slave address, data is either read from
(R/W = ‘1’) or written to (R/W = ’0’) the nvSRAM.
Table 1. Slave device Addressing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nvSRAM Function
Select
CY14MX064J Slave Devices
1010
Device Select ID
R/W Selects Memory
Memory, 8 K × 8
0011
Device Select ID
R/W
Selects Control
Registers
Control Registers
- Memory Control Register, 1 × 8
- Serial Number, 8 × 8
- Device ID, 4 × 8
- Command Register, 1 × 8
Figure 7. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A0/X
A1
Device Select
Figure 8. Control Registers Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
0
0
1
1
A2
A0/X
A1
Device Select


Similar Part No. - CY14ME064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J2A CYPRESS-CY14ME064J2A Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com