Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114EET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTC114EET1G
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114EET1G Datasheet(HTML) 3 Page - ON Semiconductor

  DTC114EET1G Datasheet HTML 1Page - ON Semiconductor DTC114EET1G Datasheet HTML 2Page - ON Semiconductor DTC114EET1G Datasheet HTML 3Page - ON Semiconductor DTC114EET1G Datasheet HTML 4Page - ON Semiconductor DTC114EET1G Datasheet HTML 5Page - ON Semiconductor DTC114EET1G Datasheet HTML 6Page - ON Semiconductor DTC114EET1G Datasheet HTML 7Page - ON Semiconductor DTC114EET1G Datasheet HTML 8Page - ON Semiconductor DTC114EET1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DTC114EET1 Series, SDTC114EET1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
DTC114EET1, SDTC114EET1
(VEB = 6.0 V, IC = 0)
DTC124EET1, SDTC124EET1
DTC144EET1
DTC114YET1, SDTC114YET1
DTC114TET1
DTC143TET1
DTC123EET1
DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
DTC115EET1
DTC144WET1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
DTC114EET1, SDTC114EET1
(VCE = 10 V, IC = 5.0 mA)
DTC124EET1, SDTC124EET1
DTC144EET1
DTC114YET1, SDTC114YET1
DTC114TET1
DTC143TET1
DTC123EET1
DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
DTC115EET1
DTC144WET1
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
350
350
15
30
200
150
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) DTC123EET1
(IC = 10 mA, IB = 1 mA) DTC143TET1/DTC114TET1/
DTC143EET1/DTC143ZET1/DTC124XET1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
DTC114EET1, SDTC114EET1
DTC124EET1, SDTC124EET1
DTC114YET1, SDTC114YET1
DTC114TET1
DTC143TET1
DTC123EET1
DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
DTC144EET1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
DTC115EET1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
DTC144WET1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
DTC143TET1
DTC143ZET1
DTC114TET1
VOH
4.9
Vdc
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - DTC114EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EET1G ONSEMI-DTC114EET1G Datasheet
102Kb / 10P
   Bias Resistor Transistor
January, 2005 ??Rev. 6
DTC114EET1G ONSEMI-DTC114EET1G Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC114EET1G ONSEMI-DTC114EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
DTC114EET1G ONSEMI-DTC114EET1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
DTC114EET1G ONSEMI-DTC114EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - DTC114EET1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com