Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDTC114EET1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # SDTC114EET1G
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SDTC114EET1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button SDTC114EET1G Datasheet HTML 5Page - ON Semiconductor SDTC114EET1G Datasheet HTML 6Page - ON Semiconductor SDTC114EET1G Datasheet HTML 7Page - ON Semiconductor SDTC114EET1G Datasheet HTML 8Page - ON Semiconductor SDTC114EET1G Datasheet HTML 9Page - ON Semiconductor SDTC114EET1G Datasheet HTML 10Page - ON Semiconductor SDTC114EET1G Datasheet HTML 11Page - ON Semiconductor SDTC114EET1G Datasheet HTML 12Page - ON Semiconductor SDTC114EET1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DTC114EET1 Series, SDTC114EET1 Series
http://onsemi.com
11
TYPICAL ELECTRICAL CHARACTERISTICS − DTC143ZET1
−55°C
150°C
Figure 33. VCE(sat) versus IC
Figure 34. DC Current Gain
Figure 35. Output Capacitance
Figure 36. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 37. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
45
50
40
30
20
10
0
35
25
15
5
f = 1 MHz
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
TA = 25°C
1
0.1
0.01
1
10
100
1
0.1
0.01
1
10
100
−55°C
150°C
TA = 25°C
4
3
2
1
0
TA = 25°C
−55°C
150°C
01
4
23
100
10
1
0.1
0.01
0.001
TA = 25°C
−55°C
150°C
10
1
0.1
50
40
30
20
10
0


Similar Part No. - SDTC114EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SDTC114EET1G ONSEMI-SDTC114EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
SDTC114EET1G ONSEMI-SDTC114EET1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
SDTC114EET1G ONSEMI-SDTC114EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - SDTC114EET1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com