Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143EET1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DTC143EET1
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143EET1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DTC143EET1 Datasheet HTML 4Page - ON Semiconductor DTC143EET1 Datasheet HTML 5Page - ON Semiconductor DTC143EET1 Datasheet HTML 6Page - ON Semiconductor DTC143EET1 Datasheet HTML 7Page - ON Semiconductor DTC143EET1 Datasheet HTML 8Page - ON Semiconductor DTC143EET1 Datasheet HTML 9Page - ON Semiconductor DTC143EET1 Datasheet HTML 10Page - ON Semiconductor DTC143EET1 Datasheet HTML 11Page - ON Semiconductor DTC143EET1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DTC114EET1 Series, SDTC114EET1 Series
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS − DTC144EET1
Figure 18. VCE(sat) versus IC
0
2
468
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (VOLTS)
TA =-25°C
75
°C
25
°C
Figure 19. DC Current Gain
Figure 20. Output Capacitance
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 21. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25
°C
-25
°C
100
10
1
100
25
°C
75
°C
50
0
1020
3040
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 22. Input Voltage versus Output Current
0
20
40
50
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
25
°C
75
°C
VCE = 10 V
f = 1 MHz
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
TA =-25°C
TA =-25°C


Similar Part No. - DTC143EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC143EET1 ONSEMI-DTC143EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
DTC143EET1 ONSEMI-DTC143EET1 Datasheet
102Kb / 10P
   Bias Resistor Transistor
January, 2005 ??Rev. 6
DTC143EET1 ONSEMI-DTC143EET1 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
102Kb / 10P
   Bias Resistor Transistor
January, 2005 ??Rev. 6
DTC143EET1G ONSEMI-DTC143EET1G Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
More results

Similar Description - DTC143EET1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com