Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT244ADTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT244ADTR2G
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT244ADTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT244ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74HCT244A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
tPLH,
tPHL
Maximum Propagation Delay, A to YA or B to YB
(Figures 1 and 3)
20
25
30
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
26
33
39
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
22
28
33
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance
(Output in High−Impedance State)
15
15
15
pF
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25°C, VCC = 5.0 V
pF
55
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
SWITCHING WAVEFORMS
Figure 2.
Figure 3.
3 V
GND
tf
tr
INPUT
A OR B
OUTPUT
YA OR YB
0.3 V
1.3 V
2.7 V
10%
1.3 V
90%
tTLH
tPLH
tPHL
tTHL
ENABLE
A OR B
OUTPUT Y
OUTPUT Y
1.3 V
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE


Similar Part No. - MC74HCT244ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT244ADTR2G ONSEMI-MC74HCT244ADTR2G Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT244ADTR2G ONSEMI-MC74HCT244ADTR2G Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results

Similar Description - MC74HCT244ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
logo
Motorola, Inc
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT541A ONSEMI-MC74HCT541A_11 Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
logo
Motorola, Inc
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com