Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2596 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA2596
Description  RF Amplifier for CD Players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2596 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA2596 Datasheet HTML 7Page - Sony Corporation CXA2596 Datasheet HTML 8Page - Sony Corporation CXA2596 Datasheet HTML 9Page - Sony Corporation CXA2596 Datasheet HTML 10Page - Sony Corporation CXA2596 Datasheet HTML 11Page - Sony Corporation CXA2596 Datasheet HTML 12Page - Sony Corporation CXA2596 Datasheet HTML 13Page - Sony Corporation CXA2596 Datasheet HTML 14Page - Sony Corporation CXA2596 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
—11—
CXA2596M
Tracking Error Amplifier
Each signal current from the photodiodes E and F is I-V converted and input to Pins 10 and 11 via an input
resistor which determines the gain. The signal is amplified by the gain amplifier, operated by the tracking error
amplifier and then the (F-E) signal is output to Pin 13.
Pin 23 can be used as a bias for LC when connected to VCC and as a bias for PD IC when left open.
GND
TEOUT
TE
I-V
F
I-V
E
150k
150k
12p
TRACKING
ERROR AMP
158.45k
820k
260k
13k
26k
VC
VC
23.8k
23.8k
820k
VC
158.45k
12p
VC
LC/PD
23
13
10
11
VC
26k
13k
260k


Similar Part No. - CXA2596

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35F CREE-CXA2590-0000-000R00AB35F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35H CREE-CXA2590-0000-000R00AB35H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40F CREE-CXA2590-0000-000R00AD40F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40H CREE-CXA2590-0000-000R00AD40H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Similar Description - CXA2596

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com