Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT541ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT541ADTR2G
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT541ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT541ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT541ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 6
1
Publication Order Number:
MC74HCT541A/D
MC74HCT541A
Octal 3-State Non-Inverting
Buffer/Line Driver/
Line Receiver With
LSTTL-Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT541A is identical in pinout to the LS541. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to high speed CMOS inputs.
The HCT541A is an octal non−inverting buffer/line driver/line
receiver designed to be used with 3−state memory address drivers,
clock drivers, and other bus−oriented systems. This device features
inputs and outputs on opposite sides of the package and two ANDed
active−low output enables.
Features
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1 mA
In Compliance With the JEDEC Standard No. 7 A Requirements
Chip Complexity: 134 FETs or 33.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
18
Y1
2
A1
17
Y2
3
A2
16
Y3
4
A3
15
Y4
5
A4
14
Y5
6
A5
13
Y6
7
A6
12
Y7
8
A7
11
Y8
9
A8
OE1
OE2
1
19
Output
Enables
Data
Inputs
Non-Inverting
Outputs
PIN 20 = VCC
PIN 10 = GND
LOGIC DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
HCT541A
AWLYYWWG
HCT
541A
ALYWG
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HCT541A
AWLYWWG
1
1
1
20
1
20
20
20
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HCT541AN
AWLYYWWG
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC74HCT541ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT541ADTR2G ONSEMI-MC74HCT541ADTR2G Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
MC74HCT541ADTR2G ONSEMI-MC74HCT541ADTR2G Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
MC74HCT541ADTR2G ONSEMI-MC74HCT541ADTR2G Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results

Similar Description - MC74HCT541ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
logo
Motorola, Inc
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HC541A ONSEMI-MC74HC541A Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
MC74HCT541A ONSEMI-MC74HCT541A_16 Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com