Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX06DTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX06DTG
Description  Low-Voltage CMOS Hex Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX06DTG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX06DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX06DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX06DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX06DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX06DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX06DTG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74LCX06
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VLZ
An
On
tPLZ
tPZL
Vmi
Vmo
VOL
Vmi
Table 3. AC WAVEFORMS
Symbol
VCC
3.3 V $ 0.3 V
2.7 V
2.5 V $ 0.2 V
Vmi
1.5 V
1.5 V
VCC / 2
Vmo
1.5 V
1.5 V
VCC / 2
VLZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
R1
6 V or VCC × 2
GND
Table 4. TEST CIRCUIT
TEST
SWITCH
tPZL, tPLZ
6 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 $ 0.3 V or equivalent (includes jig and
probe capacitance)
CL = 30 pF at VCC = 2.5 $ 0.2 V or equivalent (includes jig and
probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)


Similar Part No. - MC74LCX06DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX06DTG ONSEMI-MC74LCX06DTG Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Inverter with Open Drain Outputs
October, 2012 ??Rev. 10
More results

Similar Description - MC74LCX06DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX06 ONSEMI-MC74LCX06 Datasheet
76Kb / 6P
   Low-Voltage CMOS Hex Inverter with Open Drain Outputs
January, 2005 ??Rev. 7
MC74LCX06 ONSEMI-MC74LCX06_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Inverter with Open Drain Outputs
October, 2012 ??Rev. 10
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
Motorola, Inc
MC74LCX05 MOTOROLA-MC74LCX05 Datasheet
114Kb / 4P
   LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com