Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX541 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX541
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX541 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX541_12 Datasheet HTML 1Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 2Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 3Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 4Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 5Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 6Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 7Page - ON Semiconductor MC74LCX541_12 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LCX541
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Units
VIH
HIGH Level Input Voltage (Note 2)
2.7 V ≤ VCC ≤ 3.6 V
2.0
V
VIL
LOW Level Input Voltage (Note 2)
2.7 V ≤ VCC ≤ 3.6 V
0.8
V
VOH
HIGH Level Output Voltage
2.7 V ≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
2.7 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
IOZ
3−State Output Current
VCC = 3.6 V, VIN = VIH or VIL,
VOUT = 0 to 3.6 V
±5
mA
IOFF
Power Off Leakage Current
VCC = 0, VIN = 3.6 V or VOUT = 3.6 V
10
mA
IIN
Input Leakage Current
VCC = 0 to 3.6 V, VIN = 3.6 V or GND
±5
mA
ICC
Quiescent Supply Current
VCC = 3.6 V, VIN = 3.6 V or VOUT = 3.6 V
10
mA
DICC
Increase in ICC per Input
2.3 ≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W)
Limits
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
Symbol
Parameter
Waveform
Min
Max
Max
Units
tPLH
tPHL
Propagation Delay
Input to Output
1
1.5
1.5
6.5
6.5
7.5
7.5
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
1.5
1.5
8.5
8.5
9.5
9.5
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
7.5
7.5
8.5
8.5
ns
tOSHL
tOSLH
Output−to−Output Skew (Note 3)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Units
VOLP
Dynamic LOW Peak Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF


Similar Part No. - MC74LCX541_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
More results

Similar Description - MC74LCX541_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com