Electronic Components Datasheet Search |
|
07611641 Datasheet(PDF) 8 Page - Tyco Electronics |
|
07611641 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 85 page HX-SCE Low fire hazard heat-shrinkable wire identification sleeves 8 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Thin wall, zero-halogen, low smoke, low toxicity, radiation cross- linked, UV stabilised polyolefin heat-shrinkable tubing, assembled as cut sleeves organized in a ladder format. Identification of wires and cables by computer-based printing onto sleeves. Ideal for applications where limited fire hazard characteristics are necessary. The zero halogen material coupled with low smoke and low toxic fume emissions make this product best used in enclosed spaces such as mass transit, marine and industrial installations. This product is not recommended where strain relief properties are required. Features and benefits I Low fire hazard properties, low smoke, low toxicity, low flammability. Meets industry standard BS 6853 (1999) Vehicle Category 1a I Superb print quality to give crisp clear identification marker sleeve I Excellent print permanence when tested in demanding industry related fluids I Choice of printer options I Sleeve diameters from 2.4mm to 38.1mm I Sleeve length from 12.7mm to 50.8mm I Sleeves are printable on both sides for ease of identification or inclusion of additional information to the marker sleeve I Shrink ratio of 2:1 - recovers to half of the original diameter Temperature rating Operating temperature range –30°C to +105°C –22°F to +221°F Minimum recovery temperature +120°C +248°F Maximum storage temperature +40°C +104°F Specifications/approvals Tyco Electronics RW 2072 TTDS-108 Military SAE AS81531 4.6.2 MIL-STD-202 Method 215J Industry BS 6853 [1999] – Vehicle Category 1a LUL toxic fume (LUL E1042:A6 [2002}) - No halogen, O, N or S sources Printer information Tyco Electronics printers T312M and T212M (thermal transfer) Tyco Electronics ribbons 1966 - RIBBON (T312M) T200 - RIBBON-1966 (T212M) HX-SCE- 1K-4.8 - 50 - S1 - 4 Part numbering system Color Scoring (optional) Sleeve length (mm) Expanded inside diameter (inches) Pack size Product family |
Similar Part No. - 07611641 |
|
Similar Description - 07611641 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |