Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX240 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX240
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX240 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX240_11 Datasheet HTML 1Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 2Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 3Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 4Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 5Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 6Page - ON Semiconductor MC74LVX240_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 3
1
Publication Order Number:
MC74LVX240/D
MC74LVX240
Octal Bus Buffer
Inverting With 5V−Tolerant Inputs
The MC74LVX240 is an advanced high speed CMOS inverting
3−state octal bus buffer and has two active low output enables. It is
also designed to work with 3−state memory address drivers, etc. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 4.3 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
20
1
1
20
MARKING
DIAGRAMS
SOIC−20
DW SUFFIX
CASE 751D
LVX240
AWLYYWWG
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
LVX240
AWLYWWG
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
LVX240
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
LVX
240
ALYWG
G


Similar Part No. - MC74LVX240_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
More results

Similar Description - MC74LVX240_11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com