Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX244 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX244
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX244 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX244_11 Datasheet HTML 1Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 2Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 3Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 4Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 5Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 6Page - ON Semiconductor MC74LVX244_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74LVX244
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay
Input to Output
VCC = 2.7V
CL = 15pF
CL = 50pF
6.1
8.6
11.4
14.9
1.0
1.0
13.5
17.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
4.7
7.2
7.1
10.6
1.0
1.0
8.5
12.0
tPZL,
tPZH
Output Enable Time to
High and Low Level
VCC = 2.7V
CL = 15pF
RL = 1kW
CL = 50pF
7.1
9.6
13.8
17.3
1.0
1.0
16.5
20.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kW
CL = 50pF
5.5
8.0
8.8
12.3
1.0
1.0
10.5
14.0
tPLZ,
tPHZ
Output Disable Time From
High and Low Level
VCC = 2.7V
CL = 50pF
RL = 1kW
11.6
16.0
1.0
19.0
ns
VCC = 3.3 ± 0.3V
CL = 50pF
RL = 1kW
9.7
11.4
1.0
13.0
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7V
CL = 50pF
VCC = 3.3 ±0.3V
CL = 50pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
Cin
Input Capacitance
4
10
10
pF
Cout
Maximum Three−State Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 2)
19
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per bit). CPD is used to determine the no−load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
−0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Similar Part No. - MC74LVX244_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX244 ONSEMI-MC74LVX244_14 Datasheet
111Kb / 6P
   Octal Bus Buffer
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX244_11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com