Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154003.T Datasheet(PDF) 1 Page - Littelfuse

Part # 154003.T
Description  154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

154003.T Datasheet(HTML) 1 Page - Littelfuse

  154003.T Datasheet HTML 1Page - Littelfuse 154003.T Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
93
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
154 Series
NANO> 154 OMNI-BLOK® Fuse and Holder Combination
Please refer to www.littelfuse.com/series/154.html
or /154T.html for current information.
Revised: January 17, 2012
154/154T/154L/154TL Series OMNI-BLOK® Fuse and Holder Assembly
Description
The RoHS compliant 154 Series OMNI-BLOK® offers a
solution for efficient installation and easy replacement of
miniature Nanosurface mount fuses.
Offered in a tape and reel package, this fuse and holder
combination can be installed on a PC board as an efficient
single step. Fuse replacement can be accomplished
without exposing the PC board to the detrimental effects
of solder heat.
The fuse holder unit may be sold as a stand-alone item,
shipped in bulk quantity (not pre-packaged in tape and reel
cartridges) using part number 01550900. Please contact
Littelfuse for additional information.
Agency Approvals
Agency
Agency File
Number
Ampere Range
E14721
154 Fast-Acting: 0.062A - 10A
154 Time-Lag: 0.375A - 7A
PS
E
NBK030205-E10480A
NBK030205-E10480B
NBK101105-E184655
154 Fast-Acting: 1A
154 Fast-Acting: 1A - 5A
154 Time-Lag: 1A - 5A
154 Fast-Acting: 6.3A - 10A
Features
PS
E
Recognized under the Components Program of Underwriters
Laboratories and Certified by CSA. Approved by METI from
1 through 5 amperes.
Halogen Free
Time-Lag options
available
of Nanotype fuses
de-rating
rating available
- Fast-Acting: 62mA -
10A
- Time-Lag: 375mA - 5A
temperature range
fuseholder
Ordering Information
Catalog
Number
Ampere
Rating (A)
Amp
Code
Fuse
Furnished*
0154.062
0.062
.062
0451.062
0154.080
0.08
.080
0451.080
0154.100
0.1
.100
0451.100
0154.125
0.125
.125
0451.125
0154.160
0.16
.160
0453.160
0154.200
0.2
.200
0453.200
0154.250
0.25
.250
0453.250
0154.315
0.315
.315
0453.315
0154.375
0.375
.375
0453.375
0154.400
0.4
.400
0453.400
0154.500
0.5
.500
0453.500
0154.630
0.63
.630
0453.630
0154.750
0.75
.750
0453.750
0154.800
0.8
.800
0453.800
0154001.
1
001.
0453001.
01541.25
1.25
1.25
04531.25
015401.5
1.5
01.5
045301.5
015401.6
1.6
01.6
045301.6
0154002.
2
002.
0453002.
015402.5
2.5
02.5
045302.5
0154003.
3
003.
0453003.
01543.15
3.15
3.15
04533.15
015403.5
3.5
03.5
045303.5
0154004.
4
004.
0453004.
0154005.
5
005.
0453005.
015406.3
6.3
06.3
045306.3
0154007.
7
007.
0453007.
0154008.
8
008.
0453008.
0154010.
10
010.
0453010.
With Very Fast-Acting Fuse Installed
Catalog
Number
Ampere
Rating (A)
Amp
Code
Fuse
Furnished*
154.375 T
0.375
.375
0454.375
154.500 T
0.5
.500
0454.500
154.750 T
0.75
.750
0454.750
154001. T
1
001.
0454001.
15401.5 T
1.5
01.5
045401.5
154002. T
2
002.
0454002.
15402.5 T
2.5
02.5
045402.5
154003. T
3
003.
0454003.
15403.5 T
3.5
03.5
045403.5
154004. T
4
004.
0454004.
154005. T
5
005.
0454005.
154007. T
7
007.
0454007.
With Time-Lag (Slo-Blo®) Fuse Installed
* The 453 and 454 Series fuses identified above have silver-plated end caps,
For 453 Series fuse replacement, either 451, 453 or 448 Series may be used.
For 454 Series fuse replacement, either 452, 454 or 449 Series may be used.
For detailed operating characteristic and performance information for each
of the fuse series mentioned above, please refer to their respective data
available online at www.littelfuse.com.
154L/154TL
(Black Colour)
154/154T
(Natural Colour)


Similar Part No. - 154003.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
154003.T LITTELFUSE-154003.T Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
More results

Similar Description - 154003.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
015401.5DRT LITTELFUSE-015401.5DRT Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
0154.080DRL LITTELFUSE-0154.080DRL Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
0154.062DRL LITTELFUSE-0154.062DRL Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
01550900M LITTELFUSE-01550900M Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
154.062 LITTELFUSE-154.062_V01 Datasheet
482Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
0154-250DR LITTELFUSE-0154-250DR Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
0154.375DRT LITTELFUSE-0154.375DRT Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154001.DRT LITTELFUSE-0154001.DRT Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154003.DRT LITTELFUSE-0154003.DRT Datasheet
199Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154003.DR LITTELFUSE-0154003.DR Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com