Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G07DFT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC1G07DFT1G
Description  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07DFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC1G07DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC1G07
http://onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE K


Similar Part No. - MC74VHC1G07DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DFT1G-L22038 ONSEMI-MC74VHC1G07DFT1G-L22038 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DFT1G-L22038 ONSEMI-MC74VHC1G07DFT1G-L22038 Datasheet
265Kb / 10P
   nullSingle Non-Inverting Buffer with Open Drain Output
Rev. A
More results

Similar Description - MC74VHC1G07DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com