Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G05DTT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC1G05DTT1G
Description  Single Inverter with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G05DTT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC1G05DTT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G05DTT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G05DTT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G05DTT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G05DTT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G05DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G05
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
ILKG
Z−State Output Leakage
Current
VIN = VIL
VOUT = VCC or GND
5.5
±0.25
±2.5
±5.0
mA
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
VIN = 5.5 V
0
0.25
2.5
5
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPZL
Maximum Output
Enable Time,
Input A to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
5.0
7.5
7.1
10.6
8.5
12.0
10.0
14.5
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
3.8
5.3
5.5
7.5
6.5
8.5
8.0
10.0
tPLZ
Maximum Output
Disable Time
VCC = 3.3 ± 0.3 V CL = 50 pF
RL = RI = 500 W
7.5
10.6
12.0
14.5
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
RL = RI = 500 W
5.3
7.5
8.5
10.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 6)
Typical @ 25°C, VCC = 5.0 V
pF
18
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC1G05DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
MC74VHC1G05DTT1G ONSEMI-MC74VHC1G05DTT1G Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
More results

Similar Description - MC74VHC1G05DTT1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06_15 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com