Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC240DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC240DTR2G
Description  Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC240DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC240DTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC240DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74VHC240
http://onsemi.com
5
Figure 2.
Figure 3.
VCC
GND
A or B
YA or YB
50%
50% VCC
tPHL
tPLH
OEA or OEB
YA or YB
YA or YB
50%
50% VCC
50% VCC
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
VOH -0.3V
HIGH
IMPEDANCE
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Ω
TEST CIRCUITS
SWITCHING WAVEFORMS
Figure 6. Input Equivalent Circuit
INPUT


Similar Part No. - MC74VHC240DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240DT ONSEMI-MC74VHC240DT Datasheet
173Kb / 6P
   Octal Bus Buffer/Line Driver
1997 REV 0
More results

Similar Description - MC74VHC240DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
MC74VHCT244A ONSEMI-MC74VHCT244A_11 Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
162Kb / 6P
   Octal Bus Buffer/Line Driver with 3-State Outputs
1997 REV 0
MC74VHCT244A ONSEMI-MC74VHCT244A_14 Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
logo
Fairchild Semiconductor
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVT2240 FAIRCHILD-74LVT2240 Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com