Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ06 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SZ06
Description  Single Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ06 Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SZ06_12 Datasheet HTML 1Page - ON Semiconductor NL17SZ06_12 Datasheet HTML 2Page - ON Semiconductor NL17SZ06_12 Datasheet HTML 3Page - ON Semiconductor NL17SZ06_12 Datasheet HTML 4Page - ON Semiconductor NL17SZ06_12 Datasheet HTML 5Page - ON Semiconductor NL17SZ06_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NL17SZ06
http://onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A
(SC−70−5/SOT−353)
DF SUFFIX
CASE 419A−02
ISSUE K


Similar Part No. - NL17SZ06_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
More results

Similar Description - NL17SZ06_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com