Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ125XV5T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ125XV5T2G
Description  Non-Inverting 3-State Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ125XV5T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ125XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 6Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 7Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 8Page - ON Semiconductor NL17SZ125XV5T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NL17SZ125
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (tR = tF = 3.0 ns)
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ Max
Min
Max
tPLH
tPHL
Propagation Delay
AN to YN
(Figures 4 and 5, Table 1)
RL = 1 MW
CL = 15 pF 1.8 ± 0.15
2.0
9.0
10
2.0
10.5
ns
RL = 1 MW
CL = 15 pF 2.5 ± 0.2
1.0
7.5
1.0
8.0
RL = 1 MW
CL = 15 pF
RL = 500 W
CL = 50 pF
3.3 ± 0.3
0.8
1.2
5.2
5.7
0.8
1.2
5.5
6.0
RL = 1 MW
CL = 15 pF
RL = 500 W
CL = 50 pF
5.0 ± 0.5
0.5
0.8
4.5
5.0
0.5
0.8
4.8
5.3
tPZH
tPZL
Output Enable Time
(Figures 6, 7and 8, Table 1)
RL = 250 W
CL = 50 pF 1.8 ± 0.15
2.0
7.6
9.5
2.0
10
ns
2.5 ± 0.2
1.8
8.5
1.8
9.0
3.3 ± 0.3
1.2
6.2
1.2
6.5
5.0 ± 0.5
0.8
5.5
0.8
5.8
tPHZ
tPLZ
Output Disable Time
(Figures 6, 7and 8, Table 1)
RL and R1= 500 WCL = 50 pF 1.8 ± 0.15
2.0
8.0
10
2.0
10.5
ns
2.5 ± 0.2
1.5
8.0
1.5
8.5
3.3 ± 0.3
0.8
5.7
0.8
6.0
5.0 ± 0.5
0.3
4.7
0.3
5.0
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance
(Note 5)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9
11
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SZ125XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ125XV5T2G ONSEMI-NL17SZ125XV5T2G Datasheet
141Kb / 8P
   Non-Inverting 3-State Buffer
September, 2005 ??Rev. 5
NL17SZ125XV5T2G ONSEMI-NL17SZ125XV5T2G Datasheet
110Kb / 12P
   Non-Inverting 3-State Buffer
June, 2015 ??Rev. 18
NL17SZ125XV5T2G ONSEMI-NL17SZ125XV5T2G Datasheet
200Kb / 14P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SZ125XV5T2G ONSEMI-NL17SZ125XV5T2G Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
NL17SZ125XV5T2G-L22087 ONSEMI-NL17SZ125XV5T2G-L22087 Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
More results

Similar Description - NL17SZ125XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_16 Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
NL17SZ126 ONSEMI-NL17SZ126 Datasheet
84Kb / 8P
   Non-inverting 3-State Buffer
April, 2002 ??Rev. 1
NL17SZ125 ONSEMI-NL17SZ125_05 Datasheet
141Kb / 8P
   Non-Inverting 3-State Buffer
September, 2005 ??Rev. 5
NL17SV125 ONSEMI-NL17SV125 Datasheet
336Kb / 14P
   Non-Inverting 3-State Buffer
February, 2021 ??Rev. 1
NL17SZ126 ONSEMI-NL17SZ126_12 Datasheet
114Kb / 7P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 10
NL17SZ125 ONSEMI-NL17SZ125_V01 Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
113Kb / 8P
   Non-Inverting 3-State Buffer
January, 2005 ??Rev. 4
NL17SH125 ONSEMI-NL17SH125 Datasheet
102Kb / 5P
   Non-Inverting 3-State Buffer
September, 2012 ??Rev. 0
NLX1G125 ONSEMI-NLX1G125 Datasheet
138Kb / 7P
   Non-Inverting 3-State Buffer
December, 2009 ??Rev. P0
NL17SZ126 ONSEMI-NL17SZ126_V01 Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
NL17SZ126 ONSEMI-NL17SZ126_18 Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com