Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV27WZ07DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV27WZ07DFT2G
Description  Dual Buffer with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV27WZ07DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLV27WZ07DFT2G Datasheet HTML 1Page - ON Semiconductor NLV27WZ07DFT2G Datasheet HTML 2Page - ON Semiconductor NLV27WZ07DFT2G Datasheet HTML 3Page - ON Semiconductor NLV27WZ07DFT2G Datasheet HTML 4Page - ON Semiconductor NLV27WZ07DFT2G Datasheet HTML 5Page - ON Semiconductor NLV27WZ07DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL27WZ07
http://onsemi.com
4
Figure 3. Switching Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
50%
50% VCC
tPZL
tPLZ
VCC
GND
HIGH
IMPEDANCE
VOL )0.3 V
A
Y
VCC
2
R1
ORDERING INFORMATION
Device
Package
Shipping
NL27WZ07DFT2G
SC−88 / SOT−363 / SC−70−6
(Pb−Free)
3000 / Tape & Reel
NLV27WZ07DFT2G*
SC−88 / SOT−363 / SC−70−6
(Pb−Free)
3000 / Tape & Reel
NL27WZ07DTT1G
TSOP−6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NLV27WZ07DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV27WZ07DFT2G ONSEMI-NLV27WZ07DFT2G Datasheet
329Kb / 13P
   Dual Buffer with Open Drain Outputs
September, 2020 - Rev. 17
More results

Similar Description - NLV27WZ07DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07 Datasheet
60Kb / 6P
   Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL27WZ07 ONSEMI-NL27WZ07_08 Datasheet
122Kb / 6P
   Dual Buffer with Open Drain Outputs
August, 2008 ??Rev. 11
NL27WZ07 ONSEMI-NL27WZ07_07 Datasheet
78Kb / 6P
   Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
NL27WZ07 ONSEMI-NL27WZ07_V01 Datasheet
329Kb / 13P
   Dual Buffer with Open Drain Outputs
September, 2020 - Rev. 17
logo
Texas Instruments
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com