Electronic Components Datasheet Search |
|
07611144 Datasheet(PDF) 6 Page - Tyco Electronics |
|
07611144 Datasheet(HTML) 6 Page - Tyco Electronics |
6 / 85 page HT-SCE High temperature, low outgassing heat-shrinkable wire identification sleeves 6 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers HT-SCE - 1K- 1/4 -2.0 -S1-0 Part numbering system Color Scoring (optional) Sleeve length (inches) Expanded inside diameter (inches) Pack size Product family HT-SCE wire markers are designed for use in high temperature applications or where extreme resistance to fuels, lubricants and cleaning solvents is required. They are also ideal for applications in which low-vacuum outgassing is of high importance. The marker sleeves are made of highly flame retardant, heat-shrinkable fluo- ropolymer tubing. HT-SCE markers are supplied as a thin, flat “ladder” of sleeves held horizontally between two polyester strips. This configuration feeds directly from the storage box into standard Tyco Electronics recommended printers, with no modifications necessary. A strip of adhesive tape on each side of the sleeves holds them securely in place for printing and kitting, yet the sleeves pull easily from the carrier strips. A standard heat gun with reflector is used to shrink the sleeves onto the wire or cable to achieve a permanent mark. After shrinking, HT-SCE markers meet the print performance requirements of SAE AS81531 4.6.2 and MIL-STD-202. HT-SCE markers are supplied in boxes of 1000 sleeves and are available in nine diameter sizes. These cover substrates from 0.8mm to 34.0mm. Because of this versatility, customers need not carry a large inventory of markers. Features and benefits I Permanent identification sleeves I High continuous operating temperature I Extreme fluid resistance I Low-vacuum outgassing I Wide range of sleeve sizes for several wire and bundle diameters Temperature rating Operating temperature range –55°C to +225°C –67°F to +437°F Minimum recovery temperature +200°C +392°F Maximum storage temperature +40°C +104°F Specifications/approvals Tyco Electronics RW 2512 TTDS-020 Military SAE AS 81531 4.6.2 MIL-STD-202 Method 215J Printer information Tyco Electronics printer T312M (thermal transfer) Tyco Electronics ribbon TMS-RJS-RIBBON-4HT (thermal transfer) |
Similar Part No. - 07611144 |
|
Similar Description - 07611144 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |