Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL37WZ17USG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL37WZ17USG
Description  Triple Noninverting Schmitt-Trigger Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ17USG Datasheet(HTML) 5 Page - ON Semiconductor

  NL37WZ17USG Datasheet HTML 1Page - ON Semiconductor NL37WZ17USG Datasheet HTML 2Page - ON Semiconductor NL37WZ17USG Datasheet HTML 3Page - ON Semiconductor NL37WZ17USG Datasheet HTML 4Page - ON Semiconductor NL37WZ17USG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NL37WZ17
http://onsemi.com
5
PACKAGE DIMENSIONS
US8
CASE 493−02
ISSUE B
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.90
2.10
0.075
0.083
MILLIMETERS
B
2.20
2.40
0.087
0.094
C
0.60
0.90
0.024
0.035
D
0.17
0.25
0.007
0.010
F
0.20
0.35
0.008
0.014
G
0.50 BSC
0.020 BSC
H
0.40 REF
0.016 REF
J
0.10
0.18
0.004
0.007
K
0.00
0.10
0.000
0.004
L
3.00
3.20
0.118
0.126
M
0
6
0
6
N
5
10
5
10
P
0.23
0.34
0.010
0.013
R
0.23
0.33
0.009
0.013
S
0.37
0.47
0.015
0.019
U
0.60
0.80
0.024
0.031
V
0.12 BSC
0.005 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION “A” DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURR.
MOLD FLASH. PROTRUSION AND GATE
BURR SHALL NOT EXCEED 0.140 MM
(0.0055”) PER SIDE.
4. DIMENSION “B” DOES NOT INCLUDE
INTER−LEAD FLASH OR PROTRUSION.
INTER−LEAD FLASH AND PROTRUSION
SHALL NOT E3XCEED 0.140 (0.0055”) PER
SIDE.
5. LEAD FINISH IS SOLDER PLATING WITH
THICKNESS OF 0.0076−0.0203 MM.
(300−800 “).
6. ALL TOLERANCE UNLESS OTHERWISE
SPECIFIED ±0.0508 (0.0002 “).
L
B
A
P
G
4
1
5
8
C
K
D
SEATING
J
S
R
U
DETAIL E
V
F
H
N
R 0.10 TYP
M
−Y−
−X−
−T−
DETAIL E
T
M
0.10 (0.004)
XY
T
0.10 (0.004)
__
__
__
__
PLANE
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
mm
inches
SCALE 8:1
3.8
0.15
0.50
0.0197
1.0
0.0394
0.30
0.012
1.8
0.07
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NL37WZ17/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NL37WZ17USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17USG ONSEMI-NL37WZ17USG Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
NL37WZ17USG ONSEMI-NL37WZ17USG Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17USG ONSEMI-NL37WZ17USG Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17USG-L22190 ONSEMI-NL37WZ17USG-L22190 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
More results

Similar Description - NL37WZ17USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com