Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5610P-17 Datasheet(PDF) 2 Page - Intersil Corporation

Part # KAD5610P-17
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5610P-17 Datasheet(HTML) 2 Page - Intersil Corporation

  KAD5610P-17 Datasheet HTML 1Page - Intersil Corporation KAD5610P-17 Datasheet HTML 2Page - Intersil Corporation KAD5610P-17 Datasheet HTML 3Page - Intersil Corporation KAD5610P-17 Datasheet HTML 4Page - Intersil Corporation KAD5610P-17 Datasheet HTML 5Page - Intersil Corporation KAD5610P-17 Datasheet HTML 6Page - Intersil Corporation KAD5610P-17 Datasheet HTML 7Page - Intersil Corporation KAD5610P-17 Datasheet HTML 8Page - Intersil Corporation KAD5610P-17 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Intersil Signal Path Products
Providing high-performance solutions for every
link in the signal chain.
Intersil Signal Path Products are creating a state of the art product portfolio built on the
latest technology. We offer a wide portfolio of general purpose analog building blocks
targeted at precision signal chain design.
+
-
DCP
ADC
DAC
Signal
Sensor
Digital
Processing
Voltage
Reference
DCP
Amp
Amp
DCP
Power
Management
Amp
Interface
Timing &
Control (RTC)
Battery
Management
AC/ DC
OR
Integratd FET
Regulators
Switching
Controller
LDO
Monitor
&
Sequencer
Logic/
SDRAM
CPU
DSP/
FPGA
2
Intersil Signal Path Products  2012  www.intersil.com
Precision Instrumentation
Amplifiers
(page 37)
Large portfolio of low power, instrumentation
amps:
• Micro-power 5V instrumentation amps
down to 60µA
• Various options for low to high gain
capability
• Excellent for low power, sensor modules
• Excellent for low power, current sensing or
monitoring
High Speed Data
Converters
(page 22)
• Comprehensive portfolio:
8-16-Bits, 40-500MSPS
High Speed Op Amps
(page 30)
• Rail-to-rail voltage feedback amplifiers
• Current feedback amplifiers
• Slew rate enhanced voltage feedback
amplifiers
• High performance voltage feedback
amplifiers
• Differential line drivers/receivers
• Fixed gain op amps
Precision Op Amps
(page 32)
Portfolio of precision op-amps with all-around
great performance:
• New ultra low noise, low distortion op amps at
5V and 40V
• New 5V and 40V low drift, precision op amps
• Excellent balance of power versus
performance
• Single-supply operation, rail-to-rail input/output
Switches / MUXes
(page 11)
• Up to ±20V
• Low RON
• Low capacitance
• Low charge injection
• Over-voltage
protected
Precision Data
Converters
(page 26)
• 24-Bit ∆∑
• 12-Bit SAR


Similar Part No. - KAD5610P-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KAD5610P-17 RENESAS-KAD5610P-17 Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-17 RENESAS-KAD5610P-17 Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P-17Q72 ETC2-KAD5610P-17Q72 Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5610P-17

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com