Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU2G04MUTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLU2G04MUTCG
Description  Dual Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G04MUTCG Datasheet(HTML) 5 Page - ON Semiconductor

  NLU2G04MUTCG Datasheet HTML 1Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 2Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 3Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 4Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 5Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 6Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 7Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 8Page - ON Semiconductor NLU2G04MUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLU2G04
http://onsemi.com
5
PACKAGE DIMENSIONS
UDFN6 1.45x1.0, 0.5P
CASE 517AQ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
6X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.30
0.40
L1
−−−
0.15
DIMENSIONS: MILLIMETERS
0.30
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PACKAGE
OUTLINE
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
A2
0.07 REF
6X
A2
DETAIL B
DETAIL A


Similar Part No. - NLU2G04MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G04MUTCG ONSEMI-NLU2G04MUTCG Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
NLU2G04MUTCG ONSEMI-NLU2G04MUTCG Datasheet
70Kb / 7P
   Dual Inverter
July, 2016 ??Rev. 6
More results

Similar Description - NLU2G04MUTCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com