Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB170CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1SMB170CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB170CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1SMB170CA Datasheet HTML 1Page - Central Semiconductor Corp 1SMB170CA Datasheet HTML 2Page - Central Semiconductor Corp 1SMB170CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SMB5.0CA
THRU
1SMB170CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1SMB5.0CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
1SMB5.0A Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
600
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000µs pulse.
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
µA
V
A
1SMB5.0CA
5.0
6.40
7.25
10
1600
9.2
65.2
CKEC
1SMB6.0CA
6.0
6.67
7.67
10
1600
10.3
58.3
CKGC
1SMB6.5CA
6.5
7.22
8.30
10
1000
11.2
53.6
CKKC
1SMB7.0CA
7.0
7.78
8.95
10
400
12
50
CKMC
1SMB7.5CA
7.5
8.33
9.58
1.0
200
12.9
46.5
CKPC
1SMB8.0CA
8.0
8.89
10.23
1.0
100
13.6
44.1
CKRC
1SMB8.5CA
8.5
9.44
10.82
1.0
20
14.4
41.7
CKTC
1SMB9.0CA
9.0
10
11.5
1.0
10
15.4
39
CKVC
1SMB10CA
10
11.1
12.8
1.0
5.0
17
35.3
CKXC
1SMB11CA
11
12.2
14
1.0
5.0
18.2
33
CKZC
1SMB12CA
12
13.3
15.3
1.0
5.0
19.9
30.2
CLEC
1SMB13CA
13
14.4
16.5
1.0
5.0
21.5
27.9
CLGC
1SMB14CA
14
15.6
17.9
1.0
5.0
23.2
25.8
CLKC
1SMB15CA
15
16.7
19.2
1.0
5.0
24.4
24
CLMC
1SMB16CA
16
17.8
20.5
1.0
5.0
26
23.1
CLPC
1SMB17CA
17
18.9
21.7
1.0
5.0
27.6
21.7
CLRC
1SMB18CA
18
20
23.3
1.0
5.0
29.2
20.5
CLTC
1SMB20CA
20
22.2
25.5
1.0
5.0
32.4
18.5
CLVC
1SMB22CA
22
24.4
28
1.0
5.0
35.5
16.9
CLXC
1SMB24CA
24
26.7
30.7
1.0
5.0
38.9
15.4
CLZC
1SMB26CA
26
28.9
33.2
1.0
5.0
42.1
14.2
CMEC
1SMB28CA
28
31.1
35.8
1.0
5.0
45.4
13.2
CMGC
1SMB30CA
30
33.3
38.3
1.0
5.0
48.4
12.4
CMKC
SMB CASE
R5 (8-September 2011)
www.centr a lsemi.com


Similar Part No. - 1SMB170CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB170CA CENTRAL-1SMB170CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB170CA CENTRAL-1SMB170CA Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB170CA CENTRAL-1SMB170CA Datasheet
787Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1SMB170CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com