Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA1017-S21-03-S-3 Datasheet(PDF) 4 Page - Emcore Corporation

Part # MAFA1017-S21-03-S-3
Description  MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1017-S21-03-S-3 Datasheet(HTML) 4 Page - Emcore Corporation

  MAFA1017-S21-03-S-3 Datasheet HTML 1Page - Emcore Corporation MAFA1017-S21-03-S-3 Datasheet HTML 2Page - Emcore Corporation MAFA1017-S21-03-S-3 Datasheet HTML 3Page - Emcore Corporation MAFA1017-S21-03-S-3 Datasheet HTML 4Page - Emcore Corporation MAFA1017-S21-03-S-3 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATASHEET | SEPTEMBER 2012
FIBER OPTICS
| REV 2012.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Connector Pinout
PIN #
Designation
PIN #
Designation
1
+12VDC/+5VDC/+3.3VDC
16
LED_Laser_ON
2
+12VDC/+5VDC/+3.3VDC
17
Display_SCLK**
3
+12VDC/+5VDC/+3.3VDC
18
Pump_Bias_Alarm *
4
+12VDC/+5VDC/+3.3VDC
19
Loss_Input_Power *
5
GND
20
Loss_Output_Power *
6
GND
21
Display_MOSI**
7
RS232_Rx
22
Display_SS**
8
RS232_Tx
23
Back_Reflection_Alarm *
9
GND
24
Key_Switch
10
GND
25
Key_Right
11
LED_Comm
26
Key_Left
12
EDFA_Reset
27
Key_Up
13
EDFA_Disable
28
Key_Down
14
Pout_Mute
29
CAN+***
15
EDFA_Temp_Alarm *
30
CAN-***
* - software adjustable parameters; logic levels (low / high) TBD
** - signals for driving VFD display
*** - signals for enabling SNMP
Ordering Information
MAFA10
-
-
-
-
Power Level
Connector Option
GF/NF Options
Temp Options
Voltage
Options
1014 – 14 dBm
SC1 - SC/APC
00 - Standard
1 – “+12VDC”
1017 – 17 dBm
S21 - SC/PC
01 – Gain Flattened option
S- Standard
2 – “+5VDC”
1020 – 20 dBm
FC1- FC/APC
02 – No Pin monitoring, low NF option
3 – “+3.3VDC”
1020 – 22 dBm
FC2- FC/PC
03 – Standard with back reflection monitoring
E – Extended
1023 – 23 dBm
EC1-E2000/APC
EC2-E2000/PC
Example:
MAFA1014-SC-00-S-2: 14 dBm gain block with SC/APC optical connectors, standard NG/GF, standard temperature range,
+5VDC power supply
Note:
Only some models can be order with Gain Flattened options. (-01 suffixes). Please contact your Sales Representative
for details
MAFA 1000 Series EDFA


Similar Part No. - MAFA1017-S21-03-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-EC1-00-E-1 EMCORE-MAFA1014-EC1-00-E-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-2 EMCORE-MAFA1014-EC1-00-E-2 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-3 EMCORE-MAFA1014-EC1-00-E-3 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-S-1 EMCORE-MAFA1014-EC1-00-S-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-S-2 EMCORE-MAFA1014-EC1-00-S-2 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA1017-S21-03-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com