Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB15CA Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1SMB15CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB15CA Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1SMB15CA Datasheet HTML 1Page - Central Semiconductor Corp 1SMB15CA Datasheet HTML 2Page - Central Semiconductor Corp 1SMB15CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SMB5.0CA
THRU
1SMB170CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
SMB CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
µA
V
A
1SMB33CA
33
36.7
42.2
1.0
5.0
53.3
11.3
CMMC
1SMB36CA
36
40
46
1.0
5.0
58.1
10.3
CMPC
1SMB40CA
40
44.4
51.1
1.0
5.0
64.5
9.3
CMRC
1SMB43CA
43
47.8
54.9
1.0
5.0
69.4
8.6
CMTC
1SMB45CA
45
50
57.5
1.0
5.0
72.7
8.3
CMVC
1SMB48CA
48
53.3
61.3
1.0
5.0
77.4
7.7
CMXC
1SMB51CA
51
56.7
65.2
1.0
5.0
82.4
7.3
CMZC
1SMB54CA
54
60
69
1.0
5.0
87.1
6.9
CNEC
1SMB58CA
58
64.4
74.1
1.0
5.0
93.6
6.4
CNGC
1SMB60CA
60
66.7
76.7
1.0
5.0
96.8
6.2
CNKC
1SMB64CA
64
71.1
81.8
1.0
5.0
103
5.8
CNMC
1SMB70CA
70
77.8
89.5
1.0
5.0
113
5.3
CNPC
1SMB75CA
75
83.3
95.8
1.0
5.0
121
4.9
CNRC
1SMB78CA
78
86.7
99.7
1.0
5.0
126
4.7
CNTC
1SMB85CA
85
94.4
108.2
1.0
5.0
137
4.4
CNVC
1SMB90CA
90
100
115.5
1.0
5.0
146
4.1
CNXC
1SMB100CA
100
111
128
1.0
5.0
162
3.7
CNZC
1SMB110CA
110
122
140.5
1.0
5.0
177
3.4
CPEC
1SMB120CA
120
133
153
1.0
5.0
193
3.1
CPGC
1SMB130CA
130
144
165.5
1.0
5.0
209
2.9
CPKC
1SMB150CA
150
167
192.5
1.0
5.0
243
2.5
CPMC
1SMB160CA
160
178
205
1.0
5.0
259
2.3
CPPC
1SMB170CA
170
189
217.5
1.0
5.0
275
2.2
CPRC
www.centr a lsemi.com
R5 (8-September 2011)


Similar Part No. - 1SMB15CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB15CA CENTRAL-1SMB15CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB15CA CENTRAL-1SMB15CA Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB15CA CENTRAL-1SMB15CA Datasheet
787Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
1SMB15CAT3 ONSEMI-1SMB15CAT3 Datasheet
58Kb / 6P
   PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER
April, 2004 ??Rev. 5
1SMB15CAT3 ONSEMI-1SMB15CAT3 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
More results

Similar Description - 1SMB15CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com